Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK82 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SK82
Description  SMD Schottky Barrier Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK82 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SK82 Datasheet HTML 1Page - Diotec Semiconductor SK82 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK82 ... SK815
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Forward voltage
Durchlass-Spannung
Junction capacitance
Sperrschichtkapazität
VF [V] @ IF [A] @ Tj
VF [V] @ IF [A] @ Tj
Cj [pF]
@ VR [V]
SK82 ... SK84
< 0.50
5
25°C
< 0.55
8
25°C
typ. 400
4
SK85, SK86
< 0.63
5
25°C
< 0.70
8
25°C
typ. 400
4
SK88, SK810
< 0.77
5
25°C
< 0.85
8
25°C
typ. 250
4
SK815
< 0.79
5
25°C
< 0.87
8
25°C
typ. 200
4
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 200 µA
< 20 mA
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 40 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 10 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
SK82...SK84
SK85, SK86
SK88, SK810
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
SK815
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
[°C]
T
T
150
100
50
0
SK88, SK810
SK82...SK86



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com