Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8002L-R20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L8002L-R20-R
Description  FET BIAS CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8002L-R20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L8002L-R20-R Datasheet HTML 1Page - Unisonic Technologies L8002L-R20-R Datasheet HTML 2Page - Unisonic Technologies L8002L-R20-R Datasheet HTML 3Page - Unisonic Technologies L8002L-R20-R Datasheet HTML 4Page - Unisonic Technologies L8002L-R20-R Datasheet HTML 5Page - Unisonic Technologies L8002L-R20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L8002
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
2 of 6
www.unisonic.com.tw
QW-R502-B55a
PI N CON FI GU RAT I ON
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
VD1
VG1
VD2
VG2
VD3
VG3
GND
NC
CNB1
CNB2
CSUB
NC
NC
VG6
VD6
VG5
VD5
VG4
VD4
VCC
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
VD1
1
st Drain output voltage
2
VG1
1
st Gate output voltage
3
VD2
2
nd Drain output voltage
4
VG2
2
nd Gate output voltage
5
VG3
3
rd Gate output voltage
6
VD3
3
rd Drain output voltage
7
GND
Ground
8
NC
No connect
9
CNB1
OSC output
10
CNB2
Rectifier Input
11
CSUB
Negative voltage output
12
NC
No connect
13
NC
No connect
14
VG6
6
th Gate output voltage
15
VD6
6
th Drain output voltage
16
VG5
5
th Gate output voltage
17
VD5
5
th Drain output voltage
18
VG4
4
th Gate output voltage
19
VD4
4
th Drain output voltage
20
VCC
Supply voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com