Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8002G-R20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L8002G-R20-R
Description  FET BIAS CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8002G-R20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L8002G-R20-R Datasheet HTML 1Page - Unisonic Technologies L8002G-R20-R Datasheet HTML 2Page - Unisonic Technologies L8002G-R20-R Datasheet HTML 3Page - Unisonic Technologies L8002G-R20-R Datasheet HTML 4Page - Unisonic Technologies L8002G-R20-R Datasheet HTML 5Page - Unisonic Technologies L8002G-R20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
L8002
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-B55.a
FET BI AS CON T ROLLER
DESCRI PT I ON
The UTC L8002 is specially designed integrated circuit for
satellite receiver front-end block. It provides stable drain and gate
bias conditions for GaAs or HEMT FETs.
The UTC L8002, provide six FETs bias control respectively.
By adjusting two internal resistors, it can change the FET’s bias
current to optimize the satellite receiver front end block
performances.
It generates the required negative voltage to bias the gate of
GaAs FET, and internally provides protection circuit that can
protect the FET devices during supply voltage transient. So it is
very popular in satellite receiver front end block.
FEAT U RES
* Built in FET device protection circuit
* Stable bias control for GaAs and HEMT FETs
* Drive up to six FETs
* 2.5V supply voltage
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
L8002L-R20-R
L8002G-R20-R
SSOP-20
Tape Reel
M ARK I N G


Similar Part No. - L8002G-R20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8001 UTC-L8001 Datasheet
180Kb / 5P
FET BIAS CONTROLLER
L8001 UTC-L8001 Datasheet
181Kb / 6P
FET BIAS CONTROLLER
L8001G-R20-R UTC-L8001G-R20-R Datasheet
180Kb / 5P
FET BIAS CONTROLLER
L8001G-R20-R UTC-L8001G-R20-R Datasheet
195Kb / 5P
FET BIAS CONTROLLER
L8001G-R20-R UTC-L8001G-R20-R Datasheet
181Kb / 6P
FET BIAS CONTROLLER
More results

Similar Description - L8002G-R20-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG2000 DIODES-ZNBG2000 Datasheet
525Kb / 7P
FET BIAS CONTROLLER
AUGUST 2001
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
FET BIAS CONTROLLER
AUGUST 1998
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
FET BIAS CONTROLLER
JUNE 1998
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
FET BIAS CONTROLLER
L8001 UTC-L8001_17 Datasheet
181Kb / 6P
FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com