Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # CD4069G-S14-R
Description  INVERTER CIRCUITS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4069G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  CD4069G-S14-R Datasheet HTML 1Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 2Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 3Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 4Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 5Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 6Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CD4069
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 7
www.unisonic.com.tw
QW-R502-020.E
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.5 ~ +18
V
Input Voltage
VIN
-0.5 ~ VDD +0.5
V
Storage Temperature Range
TS
-65 ~ +150
°C
DIP-14
700
Power Dissipation
SOP-14
PD
500
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOM M EN DED OPERAT I N G CON DI T I ON S (VSS=0V )
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
3 ~ 15
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature
TA
-40 ~ 85
°C
DC ELECT RI CAL CH ARACT ERI ST I CS (VSS=0V, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VDD=5V, VIN=VDD or VSS
1.0
μA
VDD=10V, VIN=VDD or VSS
2.0
μA
Quiescent Device Current
IDD
VDD=15V, VIN=VDD or VSS
4.0
μA
VDD=5V
0
0.05
V
VDD=10V
0
0.05
V
Low Level Output Voltage
VOL
|IO|<1
μA
VDD=15V
0
0.05
V
VDD=5V
4.95
V
VDD=10V
9.95
V
High Level Output Voltage
VOH
|IO|<1
μA
VDD=15V
14.95
V
VDD=5V, VO=4.5V
1.0
V
VDD=10V, VO=9V
2.0
V
Low Level Input Voltage
VIL
|IO|<1
μA
VDD=15V, VO=13.5V
3.0
V
VDD=5V, VO=0.5V
4.0
V
VDD=10V, VO=1V
8.0
V
High Level Input Voltage
VIH
|IO|<1
μA
VDD=15V, VO=1.5V
12.0
V
VDD=5V, Vo=0.4V
0.44
0.88
mA
VDD=10V, Vo=0.5V
1.1
2.25
mA
Low Level Output Current
(Note 2)
IOL
VDD=15V, Vo=1.5V
3.0
8.8
mA
VDD=5V, Vo=4.6V
-0.44
-0.88
mA
VDD=10V, Vo=9.5V
-1.1
-2.25
mA
High Level Output Current
(Note 2)
IOH
VDD=15V, Vo=13.5V
-3.0
-8.8
mA
VDD=15V, VIN=0V
-10
-5
-0.30
μA
Input Current
IIN
VDD=15V, VIN=15V
10
-5
0.30
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com