Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8221G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L8221G-SH2-R
Description  SINGLE LNB?밄IAS, CONTROL AND POWER MANAGEMENT SOLUTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8221G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L8221G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L8221
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 5
www.unisonic.com.tw
QW-R123-020.B
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.6 ~ 25
V
Supply Current
IIN
120
mA
Power Dissipation
PD
1000
mW
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, VIN=13V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Operating Range
VIN
8
22
V
Supply Current
No Load Supply Current
IIN (no load) I D1=ID2=0mA
2
3
mA
Max Bias Load Current (Note1)
I D1 or ID2
20
mA
Max Osc Load Current (Note 1)
HB
20
mA
Max Lout Load Current (Note 1)
80
mA
VOUT
VOUT
VOUT
VIN=10.5V ~ 21V, IOUT=30mA
4.75
5
5.25
V
(Internally generated), ISUB=0mA
-3.0
-2.5
-2.0
V
Substrate Voltage
VSUB
ISUB=-20uA
-2.0
V
VPOL Threshold
VPOL
Applied Via VIN
14.1
14.7
15.4
V
Pol Switching Speed
TPOL
VIN (Low)=13V, VIN (High)=18V
1
ms
Output Noise
Drain Voltage
CGATE-GND=4.7nF, CDRAIN-GND=10nF
0.02 Vpk-pk
Gate Voltage
ICGATE-GND=4.7nF, CDRAIN-GND=10nF
0.005 Vpk-pk
Tone Detector
Tdetect Threshold
VTONE
Test Circuit
100
170
300
mV
Rejection Freq (Note 2)
FTONE
Test Circuit, V (AC) in=1Vp/p sq.w.
1.0
7.5
kHz
Lo Output Stage
HB VOUT Low
VHBL
II=0, Test Circuit , Tone disabled
-0.01
0
0.01
V
HB VOUT High
VHBH
II=20mA, Test Circuit, Tone enabled
4.5
VOUT
V
Gate Characteristics
G1 Output
Voltage Off
VG1O
I D1=0, VIN=14V, IG1=0
-0.05
0
0.05
V
Voltage Low
VG1L
I D1<=12mA, VIN=15.5V, IG1=-10uA
-3.0
-2.5
-2.0
V
Voltage High
VG1H
I D1=>8mA, VIN=15.5V, IG1=0
0.35
0.5
1.0
V
G2 Output
Voltage Off
VG2O
ID2=0, VIN=15.5V, IG2=0
-0.05
0
0.05
V
Voltage Low
VG2L
I D1<=12mA, VIN=14V, IG2=-10uA
-3.0
-2.5
-2.0
V
Voltage High
VG2H
IG2=>8mA, VIN=14V, IG2=0
0.35
0.5
1.0
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com