Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L88312L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L88312L-S08-R
Description  SHORT CIRCUIT PROTECT BLOCK FOR LNB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L88312L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L88312L-S08-R Datasheet HTML 1Page - Unisonic Technologies L88312L-S08-R Datasheet HTML 2Page - Unisonic Technologies L88312L-S08-R Datasheet HTML 3Page - Unisonic Technologies L88312L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
L88312
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R123-021.a
SH ORT CI RCU I T PROT ECT
BLOCK FOR LN B
DESCRI PT I ON
The UTC L88312 is designed for short circuit protection of
LNB application. The device operated same as a power switch
when the LNB stage in normal operation. And the device will
supply constant current when the LNB stage in short circuit state.
The constant current can be set by external resistor between VIN
pin and RSENSE pin.
FEAT U RES
* Wide operating voltage range: 8V~32V
* Low on resistance:320 m
* Constant current set by external resistor
* Thermal shutdown
SOP-8
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
L88312L-S08-R
L88312G-S08-R
SOP-8
Tape Reel
M ARK I N G


Similar Part No. - L88312L-S08-R

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L88016 POLYFET-L88016 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
L8801P POLYFET-L8801P Datasheet
40Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8801PR POLYFET-L8801PR Datasheet
47Kb / 2P
SILICON GATE ENHANCEMENT MODE
L8801P POLYFET-L8801P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
More results

Similar Description - L88312L-S08-R

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6209 LRC-LR6209 Datasheet
432Kb / 5P
Buit-in Chip Current Limit & Short Protect Circuit
logo
Rosenberger Hochfrequen...
51S12S-000S3 ROSENBERGER-51S12S-000S3 Datasheet
126Kb / 3P
Short Circuit
18K12S-000D3 ROSENBERGER-18K12S-000D3 Datasheet
547Kb / 3P
Short Circuit
18S12S-000D3 ROSENBERGER-18S12S-000D3 Datasheet
546Kb / 3P
Short Circuit
119K12S-000D3 ROSENBERGER-119K12S-000D3 Datasheet
582Kb / 3P
Short Circuit
119S12S-000D3 ROSENBERGER-119S12S-000D3 Datasheet
573Kb / 3P
Short Circuit
09S12S-000S3 ROSENBERGER-09S12S-000S3 Datasheet
92Kb / 3P
Short Circuit
02S12S-000S3 ROSENBERGER-02S12S-000S3 Datasheet
550Kb / 3P
Short Circuit
logo
STMicroelectronics
STEVAL-CBL012V1 STMICROELECTRONICS-STEVAL-CBL012V1 Datasheet
190Kb / 4P
LNB short-circuit dynamic protection
January 2014 Rev 1
STEVAL-CBL016V1 STMICROELECTRONICS-STEVAL-CBL016V1 Datasheet
173Kb / 4P
LNB short-circuit dynamic protection
27-Jan-2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com