Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L88312G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L88312G-S08-R
Description  SHORT CIRCUIT PROTECT BLOCK FOR LNB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L88312G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L88312G-S08-R Datasheet HTML 1Page - Unisonic Technologies L88312G-S08-R Datasheet HTML 2Page - Unisonic Technologies L88312G-S08-R Datasheet HTML 3Page - Unisonic Technologies L88312G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L88312
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R123-021a
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage (VCC to GND)
VIN
32
V
Operating Junction Temperature
TJ
+150
C
Operating Temp Range
TOPR
-40 ~ +105
C
Storage Temperature Range
TSTG
-55 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS
(TA=25C, VCC=22V, RSENSE =0.25ohm, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VIN
8
32
V
Supply Current
IIN
No load, RSENSE =VIN
3
6
mA
IOUT Limit
IO_LIMIT
Io sweep
320
370
420
mA
On Resistance
RON
RSENSE=VIN
320
mohm
OTP_ON
155
C
Over Temp Protect
OTP_OFF
125
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com