Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4863G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA4863G-S16-R
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4863G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA4863G-S16-R Datasheet HTML 1Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 2Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 3Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 6Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 7Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 8Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PA4863
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 12
www.unisonic.com.tw
QW-R502-120.E
ELECT RI CAL CH ARACT ERI ST I CS(Cont .)
PARAMETER
SYMBOL
TEST CONDITIONS
MIM TYP MAX UNIT
FOR SINGLE-ENDED OPERATION
Output Offset Voltage
VO(OFF)
VIN=0V
5
50
mV
THD=0.5%, f=1kHz, RL=32
Ω
75
85
THD+N=1%, f=1kHz, RL=8
Ω
340
Output Power
POUT
THD+N=10%, f=1kHz, RL=8
Ω
440
mW
Total Harmonic Distortion + Noise
THD+N
AV=-1, POUT=75mW,20Hz
≤f≤20kHz,
RL=32
Ω
0.2
%
Power Supply Rejection Ratio
PSRR
CB=1.0
μF, VRIPPLE=200mVRMS, f=1kHz
52
dB
Channel Separation
XTALK
f=1kHz, CB=1.0
μF
60
dB
Signal To Noise Ratio
SNR
VDD=5V, POUT=340mW, RL=8
Ω
95
dB
Note:1. All voltages are measured with respect to the ground (GND) pins, unless otherwise specified.
2. Depends on the offset voltage when a practical load is connected to the amplifier.
3. When driving 3
Ω or 4Ω and operating on a 5V supply, the HTSSOP-20 package must be mounted to the
circuit board that has a minimum of 2.5 in
2 of exposed, uninterrupted copper area connected to the
exposed-DAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com