Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4863G-S18-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA4863G-S18-R
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4863G-S18-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA4863G-S18-R Datasheet HTML 1Page - Unisonic Technologies PA4863G-S18-R Datasheet HTML 2Page - Unisonic Technologies PA4863G-S18-R Datasheet HTML 3Page - Unisonic Technologies PA4863G-S18-R Datasheet HTML 4Page - Unisonic Technologies PA4863G-S18-R Datasheet HTML 5Page - Unisonic Technologies PA4863G-S18-R Datasheet HTML 6Page - Unisonic Technologies PA4863G-S18-R Datasheet HTML 7Page - Unisonic Technologies PA4863G-S18-R Datasheet HTML 8Page - Unisonic Technologies PA4863G-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PA4863
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 12
www.unisonic.com.tw
QW-R502-120.E
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6.0
V
Recommended Supply Voltage Range
VDD
2.0 ~ 5.5
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-16/SOP-18
80
°C/W
DIP-16
63
°C/W
Junction to Ambient
HTSSOP-20
θJA
90
°C/W
DIP-16/SOP-16
SOP-18
20
°C/W
Junction to Case
HTSSOP-20
θJC
2
°C/W
ELECT RI CAL CH ARACT ERI ST I CS
(Notes 1)(VDD=5V, Ta =25 ,
℃ unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIM TYP MAX UNIT
FOR ENTIRE IC
Supply Voltage
VDD
2
5.5
V
High
VIH
4
V
Headphone Input
Voltage
Low
VIL
0.8
V
VIN=0V, IOUT=0A, HP-IN=0V
6
11.5
20
Quiescent Power Supply Current
(Note 2)
IDD
VIN=0V, IOUT=0A, HP-IN=4V
5.8
mA
Shutdown Current
ISD
VDD applied to the SHUTDOWN pin
2
0.7
μA
FOR BRIDGED-MODE OPERATION
Output Offset Voltage
VO(OFF) VIN=0V
5
50
mV
RL=3
Ω
2.5
THD=1%, f=1kHz
RL=4
Ω
2.2
RL=3
Ω
3.2
HTSSOP-20
THD+N=10%, f=1kHz
RL=4
Ω
2.7
W
THD=1%, f=1kHz
RL=8
Ω
1.0
1.1
THD+N=10%, f=1kHz RL=8
Ω
1.5
W
Output Power
(measured at the device
terminals)
SOP/DIP
POUT
THD+N=1%, f=1kHz, RL=32
Ω
0.34
W
HTSSOP-20
RL=4
Ω, POUT=2W
0.3
Total Harmonic
Distortion + Noise
SOP/DIP
THD+N
20Hz
≤ f ≤ 20kHz,
AVD=2
RL=8
Ω, POUT=1W
0.3
%
Power Supply Rejection Ratio
PSRR
VDD=5V, VRIPPLE=200mVRMS, RL=8
Ω,
CB=1.0
μF
67
dB
Channel Separation
XTALK f=1kHz, CB=1.0
μF
90
dB
Signal To Noise Ratio
SNR
VDD=5V, POUT=1.1W, RL=8
Ω
98
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com