Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4871G-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA4871G-SM1-R
Description  1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4871G-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA4871G-SM1-R Datasheet HTML 1Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 2Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 3Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 4Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 5Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 6Page - Unisonic Technologies PA4871G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA4871
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R502-232.K
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
150
°
С
Operating Temperature
TOPR
-40 ~ +85
°
С
Storage Temperature
TSTG
-65 ~ +150
°
С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
140
°
С/W
MSOP-8
210
°
С/W
Junction to Ambient
DFN3030-8
θJA
59
°
С/W
SOP-8
35
°
С/W
MSOP-8
56
°
С/W
Junction to Case
DFN3030-8
θJC
4.3 (Note)
°
С/W
Note: Surface mounted on 1 in
2 copper pad of FR4 board
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°
С, VDD=5V, RL=8Ω, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
Supply Voltage
VDD
2.0
5
5.5
V
DC Differential Output Voltage
VOUT(DIFF)
VIN=0V
5
50
mV
Mute Mode
VIN=0V,IOUT=0A
6.5
10.0
mA
Supply Current
Shutdown Mode
IDD
VPIN1=VDD
0.6
2
µA
THD=0.5%, fIN=1kHz
1.0
1.10
W
Output Power
POUT
THD=10%, fIN=1kHz
1.5
W
Total Harmonic Distortion+Noise
THD+N
POUT=1WRMS,
20Hz<fIN<20kHz, G=2V/V
0.25
%
Power Supply Ripple Rejection
PSRR
VDD=4.9V to 5.1V
65
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com