Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S486L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # S486L-S08-R
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  S486L-S08-R Datasheet HTML 1Page - Unisonic Technologies S486L-S08-R Datasheet HTML 2Page - Unisonic Technologies S486L-S08-R Datasheet HTML 3Page - Unisonic Technologies S486L-S08-R Datasheet HTML 4Page - Unisonic Technologies S486L-S08-R Datasheet HTML 5Page - Unisonic Technologies S486L-S08-R Datasheet HTML 6Page - Unisonic Technologies S486L-S08-R Datasheet HTML 7Page - Unisonic Technologies S486L-S08-R Datasheet HTML 8Page - Unisonic Technologies S486L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
S486
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 12
www.unisonic.com.tw
QW-R502-074.D
ELECT RI CAL CH ARACT ERI ST I CS (TA = 25°
С, GND = 0V, unless otherwise specified)
For VCC = +5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOL: RL=32
Ω
0.45
0.5
VOH: RL=32
Ω
4.45
4.52
VOL: RL=16
Ω
0.6
0.7
Output Swing
VOUT
VOH: RL=16
Ω
4.2
4.35
V
Input Offset Voltage
VI(OFF)
VICM=VCC/2
1
mV
Supply Current
ICC
Noinputsignal, noload
1.8
2.5
mA
Stand By Current
ISTB
Noinputsignal, VSTB=GND, RL=32
Ω
10
1000
nA
Input Bias Current
II(BIAS)
VICM=VCC/2
90
200
nA
Max Output Current
IOUT
THD+N
≤1%,
RL=16
ΩconnectedbetweenoutandVCC/2
106
115
mA
RL=16
Ω
102
THD+N=0.1% Max, F=1kHz
RL=32
Ω
64
RL=16
Ω
95
108
Output Power
POUT
THD+N=1% Max, F=1kHz
RL=32
Ω
60
65
mW
RL=32
Ω, POUT=60mW, 20Hz≤F≤20kHz
0.3
Total Harmonic Distortion +
Noise (Gv=-1)
THD+N
RL=16
Ω, POUT=90mW, 20Hz≤F≤20kHz
0.3
%
Power Supply Rejection Ratio
PSRR
inputsgrounded (GV=-1)(Note), RL≧16
Ω,
CB=1mF, F=1kHz, VRIPPLE=200mVPP
53
58
dB
Signal-to-Noise Ratio
SNR
(Aweighted, GV=-1)(Note), RL=32
Ω,
THD+N<0.4%, 20Hz
≤F≤20kHz
80
103
dB
RL=16
Ω
80
ChannelSeparation,
GV=-1, F=1kHz
RL=32
Ω
83
RL=16
Ω
72
Crosstalk
CT
ChannelSeparation,
GV=-1, F=20Hz~20kHz
RL=32
Ω
79
dB
Input Capacitance
CIN
1
pF
Gain Bandwidth Product
GBW
RL=32
Ω
1.1
MHz
Slew Rate
SR
UnityGainInverting (RL=16
Ω)
0.4
V/µs
Note: Guaranteed by design and evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com