Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S486G-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # S486G-S08-R
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486G-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button S486G-S08-R Datasheet HTML 4Page - Unisonic Technologies S486G-S08-R Datasheet HTML 5Page - Unisonic Technologies S486G-S08-R Datasheet HTML 6Page - Unisonic Technologies S486G-S08-R Datasheet HTML 7Page - Unisonic Technologies S486G-S08-R Datasheet HTML 8Page - Unisonic Technologies S486G-S08-R Datasheet HTML 9Page - Unisonic Technologies S486G-S08-R Datasheet HTML 10Page - Unisonic Technologies S486G-S08-R Datasheet HTML 11Page - Unisonic Technologies S486G-S08-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
S486
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
10 of 12
www.unisonic.com.tw
QW-R502-074.D
T Y PI CAL CH ARACT ERI ST I CS(Cont .)
Gain
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
0.1
1
10
100
1000
10000
Frequency (kHz)
Phase
Open Loop Gain and Phase vs
Frequency
VCC=5V
RL=16
Ω
Ta=25°
С
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
0.1
1
10
100
1000
10000
Frequency (kHz)
Phase
Gain
Open Loop Gain and Phase vs
Frequency
VCC=5V
RL=32
Ω
Ta=25°
С
-40
-20
0
20
40
60
80
-20
0
20
40
60
80
100
120
140
160
180
0.1
1
10
100
1000
10000
Frequency (kHz)
VCC=5V
RL=600Ω
Ta=25°
С
Gain
Phase
Open Loop Gain and Phase vs
Frequency
Output Power vs Power Supply
Voltage
RL = 16Ω
F = 1kHz
BW < 125kHz
Ta = 25°
С
200
175
150
125
100
75
50
25
0
2.0 2.5
3.0
3.5
4.0
4.5
5.0
5.5
VCC(V)
THD+N=10%
THD+N=0.1%
THD+N=1%
Output Power vs Power Supply
Voltage
RL = 32Ω
F = 1kHz
BW < 125kHz
Ta = 25°
С
100
75
50
25
0
2.0 2.5
3.0
3.5
4.0
4.5
5.0
5.5
VCC(V)
THD+N=10%
THD+N=0.1%
THD+N=1%
Power Dissipation vs Output Power
80
40
0
0
20
40
60
80
100
Output Power (mW)
20
60
RL=32Ω
RL=16Ω
VCC=5V
F=1kHz
THD+N<1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com