Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4069G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TC4069G-S14-R
Description  INVERTER CIRCUITS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TC4069G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TC4069G-S14-R Datasheet HTML 1Page - Unisonic Technologies TC4069G-S14-R Datasheet HTML 2Page - Unisonic Technologies TC4069G-S14-R Datasheet HTML 3Page - Unisonic Technologies TC4069G-S14-R Datasheet HTML 4Page - Unisonic Technologies TC4069G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TC4069
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 5
www.unisonic.com.tw
QW-R502-635.B
ABSOLU T E M AX I M U M RAT I N GS (N ot e 2 , 3 )
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.5 ~ +20
V
Input Voltage
VIN
-0.5 ~ VDD +0.5
V
Storage Temperature
TS
-65 ~ +150
°C
DIP-14
300
SOP-14
180
Power Dissipation
TSSOP-14
PD
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. AC Parameters are guaranteed by DC correlated testing.
3. IOH and IOL are tested one output at a time.
RECOM M EN DED OPERAT I N G CON DI T I ON S (VSS=0V )
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
3 ~ 18
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature
TA
-40 ~ 85
°C
DC ELECT RI CAL CH ARACT ERI ST I CS (N ot e 2 ) (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VDD=5V, VIN=VDD or VSS
0.25
VDD=10V, VIN=VDD or VSS
0.5
Quiescent Device Current
IDD
VDD=15V, VIN=VDD or VSS
1
μA
VDD=5V
0
0.05
VDD=10V
0
0.05
Low
VOL
|IO|<1
μA
VDD=15V
0
0.05
V
VDD=5V
4.95
5
VDD=10V
9.95
10
Output Voltage
High
VOH
|IO|<1
μA
VDD=15V
14.95
15
V
VDD=5V, VO=4.5V
1.0
VDD=10V, VO=9V
2.0
Low
VIL
|IO|<1
μA
VDD=15V,VO=13.5V
3.0
V
VDD=5V, VO=0.5V
4.0
VDD=10V, VO=1V
8.0
Input Voltage
High
VIH
|IO|<1
μA
VDD=15V, VO=1.5V
12.0
V
VDD=5V, VO=0.4V
0.51
1.2
VDD=10V, VO=0.5V
1.3
3.2
Low
IOL
VDD=15V, VO=1.5V
3.4
12
mA
VDD=5V, VO=4.6V
-0.51
-1
VDD=5V, VO=2.5V
-2.1
-4
VDD=10V, VO=9.5V
-1.3
-2.2
Output Current (Note 3)
High
IOH
VDD=15V, VO=13.5V
-3.4
-9
mA
VDD=15V, VIN=0V
-10
-5
-0.1
Input Current
IIN
VDD=15V, VIN=15V
10
-5
0.1
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com