Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7269 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TDA7269
Description  14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7269 Datasheet(HTML) 4 Page - Unisonic Technologies

  TDA7269 Datasheet HTML 1Page - Unisonic Technologies TDA7269 Datasheet HTML 2Page - Unisonic Technologies TDA7269 Datasheet HTML 3Page - Unisonic Technologies TDA7269 Datasheet HTML 4Page - Unisonic Technologies TDA7269 Datasheet HTML 5Page - Unisonic Technologies TDA7269 Datasheet HTML 6Page - Unisonic Technologies TDA7269 Datasheet HTML 7Page - Unisonic Technologies TDA7269 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TDA7269
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 8
www.unisonic.com.tw
QW-R107-053.E
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATING
UNIT
DC Supply Voltage
VCC
±22
V
Output Power Current (internally limited)
IOUT
3
A
Total Power Dissipation (TA=70°C)
PD
40
W
Operating Temperature
TOPR
0 ~ +70
°C
Storage and Junction Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATING
UNIT
Junction to Case
θJC
2.8
°C/W
ELECT RI CAL CH ARACT ERI ST I CS
(VCC =
±16V; RL =8Ω; RS =50Ω; GV =30dB, f =1KHz; TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX UNIT
RL= 8
Ω
±5
±20
V
Supply Voltage Range
VCC
RL= 4
Ω
±5
±15
V
Total Quiescent Current
IQ
60
100
mA
INPUT SECTION
Input Offset Voltage
VI(OFF)
-25
25
mV
Bias Current
IBIAS
500
nA
Input Resistance
RIN
15
20
K
Ω
OUTPUT SECTION
VCC=
±16V, RL= 8Ω
12
14
W
THD=10%
VCC=
±12.5V, RL= 4Ω
8
10
W
VCC=
±16V, RL= 8Ω
9
11
W
Output Power
POUT
THD = 1%
VCC=
±12.5V, RL= 4Ω
6
7.5
W
RL= 8
Ω; POUT= 1W; f = 1KHz;
0.03
%
RL= 8
Ω; POUT=0.1 to 7W
f = 100Hz ~ 15KHz
0.7
%
RL= 4
Ω; POUT= 1W; f = 1KHz
0.02
%
Total Harmonic Distortion
THD
RL= 4
Ω; VCC= ±10V, POUT=0.1 ~ 5W
f = 100Hz ~ 15KHz
1
%
f = 1KHz
70
dB
Cross Talk
CT
f = 10KHz
50
60
dB
Slew Rate
SR
6.5
10
V/
μs
Open Loop Voltage Gain
GVO
80
dB
A Curve
3
μV
Total Output Noise
eN
f = 20Hz to 22KHz
4
8
μV
Supply Voltage Rejection
(each channel)
SVR
f = 100Hz; VR= 0.5V
60
dB
THERMAL PROTECTION
Thermal Shut-down Junction
Temperature
TJ
145
°C
MUTE FUNCTION [ref: +VCC] (Note)
Mute /Play Threshold
VTMUTE
-7
-6
-5
V
Mute Attenuation
AMUTE
60
70
dB
STAND-BY FUNCTIONS [ref: +VCC] (only for Split Supply)
Stand-by Mute threshold
VTST-BY
-3.5
-2.5
-1.5
V
Stand-by Attenuation
AST-BY
110
dB
Quiescent Current ( Stand-by)
IQ(ST-BY)
3
6
mA
Note: In mute condition the current drawn from Pin 5 must be
≤650μA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com