Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4015BG-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCD4015BG-S16-R
Description  CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4015BG-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCD4015BG-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4015BG-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4015BG-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4015BG-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4015BG-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4015BG-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4015BG-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4015BG-S16-R Datasheet HTML 8Page - Unisonic Technologies UCD4015BG-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UCD4015B
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 9
www.unisonic.com.tw
QW-R502-875.d
ABSOLU T E M AX I M U M RAT I N G (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ 20
V
Input Voltage
VIN
-0.5 ~ VCC + 0.5
V
Output Voltage
VOUT
-0.5 ~ VCC + 0.5
V
Input Clamp Current (VIN<0, or VIN>VCC)
IIK
±10
mA
DIP-16
750
mW
SOP-16
500
mW
Power Dissipation
TSSOP-16
PD
450
mW
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-16
67
°C/W
SOP-16
73
°C/W
Junction to Ambient
TSSOP-16
θJA
108
°C/W
RECOM M EN DED OPERAT I N G COM DI T I ON S
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3
18
V
VDD=5V
180
VDD=10V
80
Clock Pulse Width
tW
VDD=15V
50
ns
VDD=5V
3
VDD=10V
6
Clock Frequency
fCL
VDD=15V
8.5
MHz
VDD=5V
15
VDD=10V
6
Clock Rise and Fall Time
tr, tf
VDD=15V
2
μs
VDD=5V
70
VDD=10V
40
Data Set-up Time
tSU
VDD=15V
30
ns
ELECT RI CAL CH ARACT ERI ST I CS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN=0, 5V, VDD=5V
0.04
5
VIN=0, 10V, VDD=10V
0.04
10
VIN=0, 15V, VDD=15V
0.04
20
Quiescent Supply Current
IDD
VIN=0, 20V, VDD=20V
0.08
100
μA
VOUT=0.4V, VDD=5V
0.51
1
VOUT=0.5V, VDD=10V
1.3
2.6
Output Low (Sink) Current
IOL
VOUT=1.5V, VDD=15V
3.4
6.8
mA
VOUT=4.6V, VDD=5V
-0.51
-1
VOUT=2.5V, VDD=5V
-1.6
-3.2
VOUT=9.5V, VDD=10V
-1.3
-2.6
Output High (Source) Current
IOH
VOUT=13.5V, VDD=15V
-3.4
-6.8
mA
VDD=5V
0
0.05
VDD=10V
0
0.05
Output Voltage: Low-Level
VOL
VDD=15V
0
0.05
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com