Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM601AL-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM601AL-S08-R
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM601AL-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM601AL-S08-R Datasheet HTML 1Page - Unisonic Technologies UM601AL-S08-R Datasheet HTML 2Page - Unisonic Technologies UM601AL-S08-R Datasheet HTML 3Page - Unisonic Technologies UM601AL-S08-R Datasheet HTML 4Page - Unisonic Technologies UM601AL-S08-R Datasheet HTML 5Page - Unisonic Technologies UM601AL-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM601A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 6
www.unisonic.com.tw
QW-R105-028.E
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
36
V
Output Current
IOUT
20
mA
Input Voltage
VIN
-0.3 ~ VCC-1.5
V
Input Current
IIN
±1
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
4.5 ~ 32
V
Ambient Operating Temperature
TOPR
-20 ~ +80
°C
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
130 ~ 200
°C/W
ELECT RI CAL CH ARACT ERI ST I CS (VCC=15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total Supply Current
ICC
VCC=15V
2
mA
Input Voltage
VI
0
VCC-1.5
V
TA=25°C
-5
1
5
mV
Input Offset Voltage
VIO
TMIN.<TAMB.<TMAX.
-7
7
mV
25°C
-700
-300
0
nA
Input Bias Current
IIB
VIN=1.2V on pin 7
and VIN=0V on pin5 TMIN.<TA.<TMAX. -1000
0
nA
25°C
15
mA
Output Sink Current
ISINK
VOL=2.5 V
TMIN.<TA.<TMAX.
8
mA
Large Signal Voltage Gain
AVO
RL=2k
Ω, TMIN.<TAMB.<TMAX.
15
V/mV
Supply Voltage Rejection Ratio
SVR
TMIN.<TAMB.<TMAX.
65
90
dB
Common Mode Rejection Ratio
CMR
TMIN.<TAMB.<TMAX.
80
dB
Gain Bandwidth Product
GBP
VCC=15V, F=100kHz, VIN=10mV,
RL=2k
Ω, CL=100pF
1
MHZ
TA=25°C
2
μA
Output Leakage Current
IOH
TMIN.<TAMB.<TMAX.
7
μA
VOLTAGE REFERENCE
UM601A-1
1.227
1.240
1.252
V
Reference Voltage
UM601A-2
VREF
IOUT=1mA, TAMB=25°C
1.21
1.24
1.27
V
Temperature Stability
KVT
TMIN.<TAMB.<TMAX.
30
100
ppm/°C
Load Regulation
Reglo
1mA <IOUT<10mA
5
15
mV
Line Regulation
Regli
5V<VIN<32V
3.5
10
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com