Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM602AG-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM602AG-S16-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602AG-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM602AG-S16-R Datasheet HTML 1Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 2Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 3Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 4Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 5Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM602A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 6
www.unisonic.com.tw
QW-R105-030.C
COM PARAT ORS
(VCC+=+5V, VCC=Ground, TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA=25°C
5
MV
Input Offset Voltage
VIO
TMIN
≤ TA ≤ TMAX
9
MV
TA=25°C
50
nA
Input Offset Current
IIO
TMIN
≤ TA ≤ TMAX
150
nA
TA=25°C
250
nA
Input Bias Current
IIB
TMIN
≤ TA ≤ TMAX
nA
VID=1V, VCC=VO+30V
0.1
nA
High Level Output Voltage
IOH
TMIN
≤ TA ≤ TMAX
1
μA
VID=-1V, Lsink=4mA
250
400
mV
Low Level Output Voltage
VOL
TMIN
≤ TA ≤ TMAX
700
Large Signal Voltage Gain
AVD
R1=15K, VCC=15V, VO=1~11V
200
V/mV
Output Sink Current
ISINK
VID=-1V, VO=1.5V
6
16
mA
TA=25°C
0
VCC
+
-1.5
V
Input Common Mode Voltage
Range
VICM
TMIN
≤ TA ≤ TMAX
0
VCC
+
-2
V
Differential Input Voltage
VID
VCC
+
V
Response Time (Note1)
tRE
R1=5.1k~VCC
+, V
REF=1.4V
1.3
μs
Large Signal Response Time
tREL
VREF=1.4V, VI=TTL, R1=5.1k~VCC
+
300
ns
Notes: 1. The response time specified is for 100mV input step with 5mV overdrive.
2. For larger overdrive signals, 300ns can be obtained.
V OLT AGE REFEREN CE
PARAMETER
SYMBOL
VALUE
UNIT
Cathode to Anode Voltage
VKA
VREF ~ 36
V
Cathode Current
IK
1 to 100
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com