Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM605BG-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM605BG-AF5-R
Description  OPERATIONAL AMPLIFIERS WITH 2.5V/1 .25V SHUNT REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM605BG-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM605BG-AF5-R Datasheet HTML 1Page - Unisonic Technologies UM605BG-AF5-R Datasheet HTML 2Page - Unisonic Technologies UM605BG-AF5-R Datasheet HTML 3Page - Unisonic Technologies UM605BG-AF5-R Datasheet HTML 4Page - Unisonic Technologies UM605BG-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UM605A/B
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R105-033.G
OPERAT I ON AL AM PLI FI ERS
WI T H 2 .5 V /1 .2 5 V SH U N T
REGU LAT OR
DESCRI PT I ON
UTC UM605A/B that is designed to include 2 op amp and one
shunt regulator for battery charger and AC adapter application.
FEAT U RES
* Internal accurate 2.5V / 1.25V VREF
* Reduced external components
ORDERI N G I N FORM AT I ON
M ARK I N G
UM605A
UM605B
Ordering Number
Lead Free
Halogen Free
Package
Packing
UM605AL-AF5-R
UM605AG-AF5-R
SOT-25
Tape Reel
UM605BL-AF5-R
UM605BG-AF5-R
SOT-25
Tape Reel


Similar Part No. - UM605BG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
161Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
160Kb / 4P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
178Kb / 6P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
178Kb / 6P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
More results

Similar Description - UM605BG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM603S UTC-UM603S Datasheet
175Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V SHUNT REGULATOR
UM605A-B UTC-UM605A-B Datasheet
161Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605A_1112 UTC-UM605A_1112 Datasheet
160Kb / 4P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
2.5V ADJUSTABLE SHUNT REGULATOR
logo
Unisonic Technologies
UM605A UTC-UM605A Datasheet
178Kb / 6P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
logo
E-Tech Electronics LTD
UM605A_B ETL-UM605A_B Datasheet
161Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
logo
Unisonic Technologies
UM605B UTC-UM605B Datasheet
178Kb / 6P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
logo
ELM Technology Corporat...
ELM0431BA ELM-TECH-ELM0431BA Datasheet
724Kb / 4P
2.5V Programable shunt regulator
ELM0431BA ELM-TECH-ELM0431BA_17 Datasheet
724Kb / 4P
2.5V Programable shunt regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com