Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

203DMQ080 Datasheet(PDF) 4 Page - International Rectifier

Part # 203DMQ080
Description  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

203DMQ080 Datasheet(HTML) 4 Page - International Rectifier

  203DMQ080 Datasheet HTML 1Page - International Rectifier 203DMQ080 Datasheet HTML 2Page - International Rectifier 203DMQ080 Datasheet HTML 3Page - International Rectifier 203DMQ080 Datasheet HTML 4Page - International Rectifier 203DMQ080 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
203DMQ... Series
4
Bulletin PD-20579 04/00
www.irf.com
Fig.7-Max. Non-Repetitive Surge Current (PerLeg)
Fig.5-Max. Allowable CaseTemperature
Vs. Average Forward Current (PerLeg)
Fig. 8 - Unclamped Inductive Test Circuit
Fig.6-Forward Power Loss Characteristics
(PerLeg)
FR EE-W H EEL
D IO D E
40 HFL4 0 S02
C U RRE N T
MO N IT O R
HIG H - SP E E D
SW IT C H
IRFP4 60
L
DU T
Rg = 25 ohm
Vd = 2 5 Vo lt
+
(2) Formula used: T
C
= T
J
- (Pd + Pd
REV
) x R
thJC
;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D)
(see Fig. 6);
Pd
REV
= Inverse Power Loss = V
R1
x I
R
(1 - D); I
R
@ V
R1
= 80% rated V
R
AverageForwardCurrent-I
F(AV)
(A)
Average Forward Current - I
F(AV)
(A)
Square Wave Pulse Duration - t
p (microsec)
0
50
100
150
200
250
0
50
100
150
200
250
300
DC
RMS Limit
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
1000
10000
100000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge
80
100
120
140
160
180
0
50
100
150
200
250
300
DC
80% Square Wave
(D = 0.50)
see note (2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com