Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VM-351G Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-351G
Description  Slim, 2.1-mm High Relay Incorporating a MOS FET Optically Coupled with an Infrared LED in a Miniature, Flat SOP Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-351G Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-351G Datasheet HTML 1Page - Omron Electronics LLC G3VM-351G Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
73
G3VM-351G
G3VM-351G
■ Absolute Maximum Ratings (Ta = 25°C)
■ Electrical Characteristics (Ta = 25°C)
■ Recommended Operating Conditions
Use the G3VM under the following conditions so that the Relay will operate properly.
■ Engineering Data
Load Current vs. Ambient Temperature
G3VM-351G
■ Safety Precautions
Refer to page 6 for precautions common to all G3VM models.
Item
Symbol
Rating
Unit
Measurement Conditions
Input
LED forward current
IF
50
mA
Repetitive peak LED forward
current
IFP
1
A
100
ms pulses, 100 pps
LED forward current reduction
rate
D IF/°C
-0.5
mA/
°CTa ³ 25°C
LED reverse voltage
VR
5V
Connection temperature
Tj
125
°C
Output
Output dielectric strength
VOFF
350
V
Continuous load current
IO
110
mA
ON current reduction rate
D ION/°C -1.1
mA/
°CTa ³ 25°C
Connection temperature
Tj
125
°C
Dielectric strength between input and
output (See note 1.)
VI-O
1,500
Vrms
AC for 1 min
Operating temperature
Ta
-40 to +85
°C
With no icing or condensation
Storage temperature
Tstg
-55 to +125 °C
With no icing or condensation
Soldering temperature (10 s)
---
260
°C
10 s
Note:
1. The dielectric strength between the input and
output was checked by applying voltage be-
tween all pins as a group on the LED side and
all pins as a group on the light-receiving side.
Item
Symbol
Mini-
mum
Typical
Maxi-
mum
Unit
Measurement
conditions
Input
LED forward voltage
VF
1.0
1.15
1.3
V
IF = 10 mA
Reverse current
IR
---
---
10
mAVR = 5 V
Capacity between terminals
CT
---
30
---
pF
V = 0, f = 1 MHz
Trigger LED forward current
IFT
---
1
3
mA
IO = 100 mA
Output
Maximum resistance with output ON
RON
---
25
35
W
IF = 5 mA,
IO = 110 mA, t < 1 s
---
35
50
W
IF = 5 mA,
IO = 110 mA
Current leakage when the relay is
open
ILEAK
---
---
1.0
mAVOFF = 350 V
Capacity between I/O terminals
CI-O
---
0.8
---
pF
f = 1 MHz, Vs = 0 V
Insulation resistance
RI-O
1,000
---
---
M
W
VI-O = 500 VDC,
RoH
£ 60%
Turn-ON time
tON
---
0.3
1.0
ms
IF = 5 mA, RL = 200 W,
VDD = 20 V (See note 2.)
Turn-OFF time
tOFF
---
0.1
1.0
ms
VOUT
IF
t ON
t OFF
10%
90%
IF
1
2
4
3
RL
VDD
VOUT
Note:
2. Turn-ON and Turn-OFF
Times
Item
Symbol
Minimum
Typical
Maximum
Unit
Output dielectric strength
VDD
---
---
280
V
Operating LED forward current
IF
57.5
25
mA
Continuous load current
IO
---
---
100
mA
Operating temperature
Ta
- 20
---
65
°C
Ambient temperature (
°C)
80
100
120
140
60
40
20
0
−20
0
20
40
60
80
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com