Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMA3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMA3
Description  Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMA3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMA3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMA3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMA3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMA3 Relay
1.COIL DATA
1-1.Nominal Voltage
6 VDC to 24 VDC
1-2.Coil Resistance
Refer to Table 1
1-3.Operate Voltage
Refer to Table 1
1-4.Release Voltage
Refer to Table 1
1-5.Nominal Power Consumption
1.6 W
2.CONTACT DATA
2-1.Contact Arrangement
1 Form C , 1 Form A
2-2.Contact Material
AgSnO2
2-3.Contact Rating
30A 14VDC Resistive ( 1 Form C )
40A 14VDC Resistive ( 1 Form A )
2-4.Max. Switching Voltage
75VDC
2-5.Max. Switching Current
40A
2-6.Max. Switching Power
420W ( 1 Form C ) 560W ( 1 Form A )
2-7.Max. Load Current ( 12VDC Load Voltage )
Load
Form A
Form C
NO
NC
Max.Carry Current
40A
40A
30A
Max.Make Current
100A
100A
30A
Max.Break Current
40A
40A
30A
2-8.Contact Resistance ( Initial )
50 m¦¸. at 6VDC 1A
2-9.Life Expectancy
Electrical
100,000 operations at nominal load
Mechanical
10,000,000 operations
3.GENERAL DATA
3-1.Insulation Resistance
Min.100M¦¸ at 500 VDC
3-2.Dielectric Strength
550VAC , 1min between open contacts
750VAC , 1min between contacts and coil
3-3.Operate Time
Max. 10ms
3-4.Release Time
Max. 10ms
3-5.Temperature Range
-40 to +85 ¡æ
3-6.Shock Resistance
10G
3-7.Vibration Resistance
10 - 55 Hz , Amplitude 1.5mm
3-8.Weight
30 gr.
4.DIMENSIONS ( in mm )
CMA3 Relay - kinds of single relays , power relays , automotive relays ...lays , pc-board relays , plug-in relays , PCB relays , miniature relays
file:///D|/ÖÐÀÖ/hke1/CMA3.html (1 of 3) [2000-12-13 14:16:08]


Similar Part No. - CMA3

ManufacturerPart #DatasheetDescription
logo
VTI technologies
CMA3000 VTI-CMA3000 Datasheet
1Mb / 18P
3-axis accelerometer
CMA3000-A01 VTI-CMA3000-A01 Datasheet
328Kb / 4P
3-AXIS LOW POWER ANALOG OUTPUT ACCELEROMETER
CMA3000-A01-1 VTI-CMA3000-A01-1 Datasheet
437Kb / 17P
3-axis accelerometer
CMA3000-A01-10 VTI-CMA3000-A01-10 Datasheet
437Kb / 17P
3-axis accelerometer
CMA3000-A01-30 VTI-CMA3000-A01-30 Datasheet
437Kb / 17P
3-axis accelerometer
More results

Similar Description - CMA3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
Plug-In Relays Mini 280 Relays
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
General Purpose Relays PCB Relays
04-2011, Rev. 0411
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
13801 MACOM-13801 Datasheet
428Kb / 6P
Plug-in relays Mini ISO relays
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
General Purpose Relays PCB Relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com