Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA48N60C3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGA48N60C3
Description  High-Speed PT IGBTs for 40-100kHz Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA48N60C3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGA48N60C3 Datasheet HTML 1Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 2Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 3Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 4Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 5Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 6Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXGI48N60C3 IXGA48N60C3
IXGP48N60C3 IXGH48N60C3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
VCE - Volts
VGE = 15V
13V
11V
7V
9V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
30
60
90
120
150
180
210
240
270
300
02468
10
12
14
16
18
20
VCE - Volts
VGE = 15V
13V
7V
9V
11V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
10
20
30
40
50
60
0
0.4
0.8
1.2
1.6
2
2.4
2.8
VCE - Volts
VGE = 15V
13V
11V
7V
9V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 60A
I C = 30A
I C = 15A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 60A
30A
15A
TJ = 25ºC
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
55.5
66.5
77.5
88.5
99.5
10
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com