Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAPLRBA4 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAPLRBA4
Description  Photolink- Fiber Optic Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLRBA4 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAPLRBA4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
-0.5 ~ +6.0
V
Output Voltage
Vout
Vcc -0.1
V
Storage Temperature
Tstg
-40 to 85
ºC
Operating Temperature
Topr
-25 to 80
ºC
Soldering Temperature
Tsol
260*
ºC
Human Body Model ESD
HBM
2000
V
Machine Model ESD
MM
200
V
Notes:
Soldering time≦10 seconds.
Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
Vcc
-
4.75
5.0
5.25
V
Electro-Optical Characteristics (Ta=25℃,Vcc=3V, CL= 5pf)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
Vcc
-
2.40
3.30
5.50
V
Peak sensitivity wavelength
p
-
-
660
-
nm
Maximum receiver power
Pc,max
Refer to Fig.1
-
-
-14
dBm
Minimum receiver power
Pc,min
Refer to Fig.1
-27
-
-
dBm
Dissipation current
Icc
Vcc=3V; Refer to Fig.2
-
2
4
mA
Icc
Vcc=5V; Refer to Fig.2
-
3
6
High level output voltage
VOH
Refer to Fig.3
3.0
3.2
-
V
Low level output voltage
VOL
Refer to Fig.3
-
0.2
0.4
V
Rise time
tr
Refer to Fig.3
-
10
18
ns
Fall time
tf
Refer to Fig.3
-
10
18
ns
Propagation delay Low to High
tPLH
Refer to Fig.3
-
-
80
ns
Propagation delay High to Low
tPHL
Refer to Fig.3
-
-
80
ns
Pulse Width Distortion
tw
Refer to Fig.3
-15
-
+15
ns
Jitter
tj
Refer to Fig.3, Pc=-14dBm
-
1
5
ns
Refer to Fig.3, Pc=-27dBm
-
5
10
ns
Transfer rate
T
NRZ signal
0.1
-
25
Mb/s
DATASHEET
Photolink- Fiber Optic Receiver
EAPLRBA4
Page 2 of 10
Rev. 0.02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com