Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A13G Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMP6A13G
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A13G Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMP6A13G Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A13G Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMP6A13G
2
ISSUE 2 - JULY 2004
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
V
DSS
-60
V
Gate-Source Voltage
V
GS
20
V
Continuous Drain Current (V
GS= -10V; TA=25°C)
(b)
(V
GS= -10V; TA=70°C)
(b)
(V
GS= -10V; TA=25°C)
(a)
I
D
-2.3
-1.9
-1.7
A
Pulsed Drain Current
(c)
I
DM
-7.8
A
Continuous Source Current (Body Diode)
(b)
I
S
-4.1
A
Pulsed Source Current (Body Diode)
(c)
I
SM
-7.8
A
Power Dissipation at T
A=25°C
(a)
Linear Derating Factor
P
D
2.0
16
W
mW/°C
Power Dissipation at T
A=25°C
(b)
Linear Derating Factor
P
D
3.9
31
W
mW/°C
Operating and Storage Temperature Range
T
j:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
RθJA
62.5
°C/W
Junction to Ambient
(b)
RθJA
32.2
°C/W
THERMAL RESISTANCE
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 10 secs.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.05 pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com