Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX821 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LCX821
Description  Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX821 Datasheet(HTML) 2 Page - ON Semiconductor

  74LCX821 Datasheet HTML 1Page - ON Semiconductor 74LCX821 Datasheet HTML 2Page - ON Semiconductor 74LCX821 Datasheet HTML 3Page - ON Semiconductor 74LCX821 Datasheet HTML 4Page - ON Semiconductor 74LCX821 Datasheet HTML 5Page - ON Semiconductor 74LCX821 Datasheet HTML 6Page - ON Semiconductor 74LCX821 Datasheet HTML 7Page - ON Semiconductor 74LCX821 Datasheet HTML 8Page - ON Semiconductor 74LCX821 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2001 Fairchild Semiconductor Corporation
DS012635
www.fairchildsemi.com
January 1996
Revised March 2001
74LCX821
Low Voltage 10-Bit D-Type Flip-Flop
with 5V Tolerant Inputs and Outputs
General Description
The LCX821 consists of ten D-type Flip-Flops with
3-STATE outputs for bus organized system applications.
The device is designed for low voltage (2.5V or 3.3V) VCC
applications with capability of interfacing to a 5V signal
environment.
The LCX821 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
■ 5V tolerant inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ 7.0 ns tPD max (VCC = 3.3V), 10 µA ICC max
■ Power-down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■
±24 mA output drive (V
CC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
Human Body Model
> 2000V
Machine Model
> 200V
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74LCX821WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74LCX821MSA
MSA24
24-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
74LCX821MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com