Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574MSA Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LVTH574MSA
Description  Low Voltage Octal D-Type Flip-Flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVTH574MSA Datasheet(HTML) 2 Page - ON Semiconductor

  74LVTH574MSA Datasheet HTML 1Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 2Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 3Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 4Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 5Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 6Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 7Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 8Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT574, 74LVTH574 Rev. 1.6.0
January 2008
74LVT574, 74LVTH574
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Features
■ Input and output interface capability to systems at
5V VCC
■ Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH574),
also available without bushold feature (74LVT574)
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free
bus loading
■ Outputs source/sink –32mA/+64mA
■ Functionally compatible with the 74 series 574
■ Latch-up performance exceeds 500mA
■ ESD performance:
– Human-body model > 2000V
– Machine model > 200V
– Charged-device model > 1000V
General Description
The LVT574 and LVTH574 are high-speed, low-power
octal D-type flip-flop featuring separate D-type inputs for
each flip-flop and 3-STATE outputs for bus-oriented
applications. A buffered Clock (CP) and Output Enable
(OE) are common to all flip-flops.
The LVTH574 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These octal flip-flops are designed for low-voltage (3.3V)
VCC applications, but with the capability to provide a TTL
interface to a 5V environment. The LVT574 and
LVTH574 are fabricated with an advanced BiCMOS
technology to achieve high speed operation similar to 5V
ABT while maintaining a low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LVT574WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVT574SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVT574MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LVT574MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74LVTH574WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVTH574SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH574MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LVTH574MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com