Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3458
Description  1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3458 Datasheet HTML 8Page - Linear Technology LTC3458 Datasheet HTML 9Page - Linear Technology LTC3458 Datasheet HTML 10Page - Linear Technology LTC3458 Datasheet HTML 11Page - Linear Technology LTC3458 Datasheet HTML 12Page - Linear Technology LTC3458 Datasheet HTML 13Page - Linear Technology LTC3458 Datasheet HTML 14Page - Linear Technology LTC3458 Datasheet HTML 15Page - Linear Technology LTC3458 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3458
13
3458f
rolled off before the RHP zero frequency.
The typical error amp compensation is shown in Figure 2.
The equations for the loop dynamics are as follows:
f
eCC
which is close to DC
f
RCC
f
RCC
POLE
ZERO
Z
POLE
Z
1
6
1
2
1
210
1
1
21
1
22
≈
=
≈
π
π
π
••
••
••
–
+
7
8
COMP
FB
ERROR
AMP
1.25V
VOUT
R1
R2
CC1
CC2
RZ
3458 F01
Figure 2
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com