Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA150FR Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BGA150FR
Description  GDT Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BGA150FR Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BGA150FR Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BGA150FR Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BGA150FR Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
BGA150FR
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BGA150FR
GDT Array
Version: A1 2016-8-12
B
GA
150
FR
(1)
(2)
(3)
(4)
(1)
Bencent
(2)
GA
means
GDT Array
(3)
Minimum DC Breakdown Voltage is 150V
(4)
FR
:Four means that four gas discharge tubes
Integrate to one GDT Array.
Part Numbering System
Recommended Soldering Pad
Environmental Reliability Characteristics
Lead Material
Tungsten/copper
Body Material
Ceramics
Terminal Finish
Tin Plated
Product Characteristics
Testing items
Technical standards
High Temperature Storage Test
Temperature: 90℃
Time:2H
Low Temperature Storage Test
Temperature: -40℃
Time:2H
Vibration
Frequency:10-500Hz
Amplitude:0.15mm
Time:45min
Resistance of soldering heat
Temperature: 260±5℃
Time of dip soldering:10s,1time
REF
mm
inch
A
1.3
0.051
B
1.2±0.2
0.047±0.008
C
1.8
0.071
D
1.2±0.2
0.047±0.008
E
5.8±0.3
0.228±0.012
F
7.0±0.3
0.276±0.012
G
0.3±0.2
0.0118±0.008
H
1.5±0.2
0.059±0.008
REF
mm
inch
A
1.5
0.059
B
2.4
0.094
C
6
0.236
D
6.5
0.256
E
1.1
0.043
F
6.6
0.260
Note: Up-screen program can be specified by customer’s request via contacting Bencent service
Solderability test
Solderability
Solder Pot Temperature:
245℃±5℃
Solder Dwell Time:
4-6 seconds
Product Dimensions
1
2
3
6
5
4
A
C
C
E
F
A
A
D
B
B
C
B
B
A
A
A
D
F
E
G
H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com