Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV03C Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03C
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03C Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
/4
Tra
IE
15
U
Lo
M
W
Sm
x
E
Ab
S
O
Pa
P
Ap
F
(
(
(
www.ben
ansient Vo
EC 61000-4-2
50Watts peak
Ultra low capa
ow clamping
Moisture sensi
Weight 5.0 mg
mall package
xDSL second
Ethernet
Part
Number
BV03C
bsolute maxim
VBR is measu
Surge Wavef
Off-state capa
art Number a
BV
03
(1)
(2)
art Number
pplication I
Features
(1) Bencent T
(2) Stand-stat
(3) Bidirection
ncent.com.c
oltage Sup
2(ESD)±15K
k pulse power
acitance: 1.5p
voltage
itivity level:
g
: SOD-323
dary
IDRM@V
μA
MAX
20
mum ratings m
ured at IR=1m
form: 8/20μ
acitance is m
and Electric
C
(3)
ring System
nformation
Transient Volt
te Voltage,e.g
nal polar
n
ppressor
KV(air), ±8K
r (tp=8/20
μS)
pF maximum
Level 1
VDRM
V
3
measured at
mA
S.
measured in VD
cal Paramet
m
tage Suppress
g.03=3V
KV(contact)
)
VBR
@IR
V
MIN
4
T= 25ºC RH
DC
=0V,VRMS=
ter
sor
Customers sho
R
mA
V
MA
1
5.
H = 45%-75%
=1V,f=1MHz
M
E
Ag
S
uld verify actua
Vc@Ipp
V
A
AX
.15
1
(unless other
z
Mark
Exterior
gency Appr
Icon
C
C
M
Specifications a
al device perfor
V
A
V
MAX
13.9
rwise noted).
B4
CC: Part
09
rovals
Compliance w
Compliance w
Mean lead fre
B006
09
S
C
B
are subject to ch
rmance in their
Order
Version
Vc@Ipp
A
X
9
8
42LC
Number
909
Description
with 2011/65
withIEC6124
ee
6U2G
909
SOD-323
CC
BV03C
hange without n
specific applic
Code:BV03
n: A1
2015-11
CO
pF
MAX
1.5
n
5/EU
49-2-21:2003
G
notice.
ations
3C
1-25


Similar Part No. - BV03C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV03CL BENCENT-BV03CL Datasheet
298Kb / 4P
Low clamping voltage
logo
TECH PUBLIC Electronics...
BV03CP TECHPUBLIC-BV03CP Datasheet
6Mb / 5P
1-Line Bi-directional TVS Diode
logo
Shenzhen Bencent Electr...
BV03CW BENCENT-BV03CW Datasheet
306Kb / 4P
Low clamping voltage
BV03CW BENCENT-BV03CW Datasheet
264Kb / 5P
Transient Voltage Suppressor
logo
TECH PUBLIC Electronics...
BV03CWT TECHPUBLIC-BV03CWT Datasheet
2Mb / 4P
1-Line Bi-directional ESD DIODE
More results

Similar Description - BV03C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com