Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2301ALT3G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LP2301ALT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2301ALT3G Datasheet(HTML) 4 Page - Leshan Radio Company

  LP2301ALT3G Datasheet HTML 1Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 2Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 3Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 4Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LP2301ALT1G, S-LP2301ALT1G
20V P-Channel Enhancement-Mode MOSFET
7.ELECTRICAL CHARACTERISTICS CURVES(Con.)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS, Drain-to-Source Voltage(V)
VGS=1.5V
VGS=2V
VGS=4.5V,4V,3.5V,3V,2.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-50
-25
0
25
50
75
100
125
150
Tj, TEMPERATURE
On-Region Characteristics
VGS(th) vs. TJ
IS vs. VSD
Leshan Radio Company, LTD.
4/5
Rev.C Sep. 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com