Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2867006802 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2867006802
Description  Multi- Aperture cores
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2867006802 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2867006802 Datasheet HTML 1Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 2Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multi- Aperture cores (2867006802)
Part Number: 2867006802
67 MULTI- APERTURE CORE
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
•– Last digit 2 = Burnished
Multi- aperture cores are used in suppression applications and in balun (balance- unbalance) and other broadband
transformers. They are also employed in airbag designs to prevent accidental activation.
•All multi- aperture cores are supplied burnished.
•Our “Multi- Aperture Core Kit” (part number 0199000036) is available for prototype evaluation.
For any multi- aperture requirement not listed here, feel free to contact our customer service group for availability and
pricing. 
Weight: 7 (g)
Chart Legend
+ Test frequency
Electrical Properties
A
L(nH)
180 Min
Multi- aperture cores in 73 and 43 materials are controlled for impedance only. The 61 NiZn material is controlled for both
impedance and A
L value. The high frequency 67 material is controlled for AL value. Minimum impedance values are specified for
the + marked frequencies. The minimum impedance is typically the listed impedance less 20%.
•Multi- aperture cores in 73 and 43 material are measured for impedance on the 4193A Vector Impedance Analyzer. The 61 and
67 multi- aperture cores are tested on the 4291A Impedance Analyzer. All impedance measurements are performed with a single
turn to both holes, using the shortest practical wire length.
•The 61 and 67 material multi- hole beads are tested for A
L value. The test frequency is 10 kHz at < 10 gauss. The test winding is
five turns wound through both holes.
Dim
mm
mm tol
nominal inch
inch misc.
A
13.3
±0.60
0.525
_
B
27
±0.75
1.062
_
C
7.5
±0.35
0.295
_
E
5.7
±0.25
0.225
_
H
3.8
±0.25
0.15
_


Similar Part No. - 2867006802

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2867006802 FAIR-RITE-2867006802 Datasheet
527Kb / 5P
67 MULTI-APERTURE CORE
More results

Similar Description - 2867006802

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2843000302 FAIR-RITE-2843000302_18 Datasheet
607Kb / 2P
Multi- Aperture cores
2843002402 FAIR-RITE-2843002402_18 Datasheet
606Kb / 2P
Multi- Aperture cores
2843002702 FAIR-RITE-2843002702_18 Datasheet
607Kb / 2P
Multi- Aperture cores
2843006802 FAIR-RITE-2843006802_18 Datasheet
612Kb / 2P
Multi- Aperture cores
2843009902 FAIR-RITE-2843009902_18 Datasheet
617Kb / 2P
Multi- Aperture cores
2867001502 FAIR-RITE-2867001502_18 Datasheet
595Kb / 2P
Multi- Aperture cores
2867002302 FAIR-RITE-2867002302_18 Datasheet
595Kb / 2P
Multi- Aperture cores
2873000202 FAIR-RITE-2873000202_18 Datasheet
601Kb / 2P
Multi- Aperture cores
2873000302 FAIR-RITE-2873000302_18 Datasheet
603Kb / 2P
Multi- Aperture cores
2873001502 FAIR-RITE-2873001502_18 Datasheet
601Kb / 2P
Multi- Aperture cores
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com