Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2249 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2249
Description  14-Bit, 80Msps Low Power 3V ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2249 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2249 Datasheet HTML 9Page - Linear Technology LTC2249 Datasheet HTML 10Page - Linear Technology LTC2249 Datasheet HTML 11Page - Linear Technology LTC2249 Datasheet HTML 12Page - Linear Technology LTC2249 Datasheet HTML 13Page - Linear Technology LTC2249 Datasheet HTML 14Page - Linear Technology LTC2249 Datasheet HTML 15Page - Linear Technology LTC2249 Datasheet HTML 16Page - Linear Technology LTC2249 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2249
13
2249f
APPLICATIO S I FOR ATIO
The noise performance of the LTC2249 can depend on the
clock signal quality as much as on the analog input. Any
noise present on the clock signal will result in additional
aperture jitter that will be RMS summed with the inherent
ADC aperture jitter.
In applications where jitter is critical, such as when digitiz-
ing high input frequencies, use as large an amplitude as
possible. Also, if the ADC is clocked with a sinusoidal
signal, filter the CLK signal to reduce wideband noise and
distortion products generated by the source.
Maximum and Minimum Conversion Rates
The maximum conversion rate for the LTC2249 is 80Msps.
For the ADC to operate properly, the CLK signal should
have a 50% (±5%) duty cycle. Each half cycle must have
at least 5.9ns for the ADC internal circuitry to have enough
settling time for proper operation.
An optional clock duty cycle stabilizer circuit can be used
if the input clock has a non 50% duty cycle. This circuit
uses the rising edge of the CLK pin to sample the analog
input. The falling edge of CLK is ignored and the internal
falling edge is generated by a phase-locked loop. The input
clock duty cycle can vary from 40% to 60% and the clock
duty cycle stabilizer will maintain a constant 50% internal
duty cycle. If the clock is turned off for a long period of
time, the duty cycle stabilizer circuit will require a hundred
clock cycles for the PLL to lock onto the input clock. To use
the clock duty cycle stabilizer, the MODE pin should be
connected to 1/3VDD or 2/3VDD using external resistors.
Input Range
The input range can be set based on the application. The
2V input range will provide the best signal-to-noise perfor-
mance while maintaining excellent SFDR. The 1V input
range will have better SFDR performance, but the SNR will
degrade by 5.7dB. See the Typical Performance Charac-
teristics section.
Driving the Clock Input
The CLK input can be driven directly with a CMOS or TTL
level signal. A sinusoidal clock can also be used along with
a low-jitter squaring circuit before the CLK pin (see
Figure 11).
VCM
REFH
SENSE
TIE TO VDD FOR 2V RANGE;
TIE TO VCM FOR 1V RANGE;
RANGE = 2 • VSENSE FOR
0.5V < VSENSE < 1V
1.5V
REFL
2.2µF
2.2µF
INTERNAL ADC
HIGH REFERENCE
BUFFER
0.1µF
2249 F09
LTC2249
4Ω
DIFF AMP
1µF
1µF
INTERNAL ADC
LOW REFERENCE
1.5V BANDGAP
REFERENCE
1V
0.5V
RANGE
DETECT
AND
CONTROL
Figure 9. Equivalent Reference Circuit
VCM
SENSE
1.5V
0.75V
2.2µF
12k
1µF
12k
2249 F10
LTC2249
Figure 10. 1.5V Range ADC
CLK
50Ω
0.1µF
0.1µF
4.7µF
1k
1k
FERRITE
BEAD
CLEAN
SUPPLY
SINUSOIDAL
CLOCK
INPUT
2249 F11
NC7SVU04
LTC2249
Figure 11. Sinusoidal Single-Ended CLK Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com