Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0801A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC0801A
Description  8 CHARACTERS x 1 LINES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC0801A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC0801A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC0801A ( 8 CHARACTERS x 1 LINES )
■
■
■
■ FEATURES
■
■
■
■ ELECTRICAL CHARACTERISTICS
◆ 5 x 7 DOTS WITH CURSOR
SYMBOL
CONDITION
MIN. TYP. MAX. UNIT
◆ BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT)
LCD Operating
T=0℃
-
4.8
-
V
◆ 5 V POWER SUPPLY
Voltage
VDD-VO
T=25℃
-
4.5
-
V
◆ 1/16 DUTY CYCLE
T=50℃
-
4.2
-
V
◆ 4.2 V LED FORWARD VOLTAGE
Supply Voltage
VDD-VSS
-
4.7
5
5.3
V
Supply Current
IDD
-
-
1.2
2.5
mA
Input
"HIGH" Level
VIH
-
2.2
-
VDD
V
Voltage
"LOW" Level
VIL
-
0
-
0.6
V
■
■
■
■ MECHANICAL DATA
Output
"HIGH" Level
VOH
-
2.4
-
-
V
UNIT
Voltage
"LOW" Level
VOL
-
-
-
0.4
V
Module Size (W x H x T)
60.0 x 36.0 x 10.0 ( 13.0 LED )
mm
Viewing Area ( W x H )
48.0 x 13.0
mm
■ BLOCK DIAGRAM
Character Size ( W x H )
4.45 x 8.35
mm
Dot Size ( W x H )
0.85 x 1.0
mm
Dot Pitch ( W x H )
0.90 x 1.05
mm
■
■
■
■ INTERFACE PIN CONNECTIONS
NO.
SYMBOL
NO. SYMBOL
FUNCTION
1VSS
Supply Ground
9
DB2
Data Bit 2
2VDD
Supply Voltage
10
DB3
Data Bit 3
3VO
Contrast Adj.
11
DB4
Data Bit 4
4
RS
Register Select
12
DB5
Data Bit 5
5
R/W
Read/Write
13
DB6
Data Bit 6
6
E
Enable Signal
14
DB7
Data Bit 7
7
DB0
Data Bit 0
15
A
LED Power
8
DB1
Data Bit 1
16
K
LED Power
■
■
■
■ EXTERNAL DIMENSIONS
ITEM
ITEM
DIMENSIONS
FUNCTION


Similar Part No. - SC0801A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC0802A ETC-SC0802A Datasheet
77Kb / 1P
LCD MODULES 8 CHARACTERS x 2 LINES
SC0802D ETC-SC0802D Datasheet
117Kb / 1P
8 CHARACTERS x 2 LINES LCD MODULES
SC0802E ETC-SC0802E Datasheet
113Kb / 1P
8 CHARACTERS x 2 LINES LCD MODULES
logo
Socay Electornics Co., ...
SC0805ML050M SOCAY-SC0805ML050M Datasheet
274Kb / 8P
Surface Mount Multilayer Varistor
SC0805ML050M SOCAY-SC0805ML050M Datasheet
274Kb / 8P
Surface Mount Multilayer Varistor
More results

Similar Description - SC0801A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC0802D ETC-SC0802D Datasheet
117Kb / 1P
8 CHARACTERS x 2 LINES LCD MODULES
SC0802E ETC-SC0802E Datasheet
113Kb / 1P
8 CHARACTERS x 2 LINES LCD MODULES
LC1623 ETC-LC1623 Datasheet
34Kb / 1P
16 characters x 2 lines
SC0802A ETC-SC0802A Datasheet
77Kb / 1P
LCD MODULES 8 CHARACTERS x 2 LINES
SC1001 ETC-SC1001 Datasheet
109Kb / 1P
10 CHARACTERS x 1 LINES
LC1622 ETC-LC1622 Datasheet
29Kb / 1P
16 characters x 2 lines
SC1601D ETC-SC1601D Datasheet
62Kb / 1P
LCD MODULES 16 CHARACTERS x 1 LINES
LC1641 ETC1-LC1641 Datasheet
38Kb / 1P
16 characters x 4 lines
logo
Hantronix,Inc
HDM24216H-2 HANTRONIX-HDM24216H-2 Datasheet
29Kb / 1P
24 Characters x 2 Lines
logo
List of Unclassifed Man...
MDLS-40466 ETC2-MDLS-40466 Datasheet
80Kb / 1P
40 CHARACTERS X 4 LINES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com