Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # MCT2
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

MCT2 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button MCT2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DATASHEET
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X Series
MCT2X Series
6
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 23, 2013. Issue No: DPC-0000048 Rev.4
www.everlight.com
Figure 11. Switching Time Test Circuit & Waveforms
IF
IC
RL
RIN
RBE
VCC
Output
Input
Input
Pulse
Output
Pulse
10%
90%
tf
tr
toff
ton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com