Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB856Z Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB856Z
Description  Wide Gap Optical Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB856Z Datasheet(HTML) 2 Page - TT Electronics.

  OPB856Z Datasheet HTML 1Page - TT Electronics. OPB856Z Datasheet HTML 2Page - TT Electronics. OPB856Z Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Storage & Operating Temperature Range
-40° C to +85° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
Continuous Forward DC Current
40 mA
Reverse Voltage
2 V
Power Dissipation
(1)
100 mW
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
(1)
100 mW
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0, EE = 0
IC(ON)
On-State Collector Current
(3)
1.8
-
-
mA
VCE = 5 V, IF = 20 mA, d = 2”
( (50.8 mm)(2)
Notes:
(1) Derate linearly 1.67 mW/°C above 25 ° C..
(2) Distance between lenses along the optical axis is “d”.
(3) All parameters tested using pulse technique.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com