Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPIA4010 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPIA4010
Description  DIP Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA4010 Datasheet(HTML) 2 Page - TT Electronics.

  OPIA4010 Datasheet HTML 1Page - TT Electronics. OPIA4010 Datasheet HTML 2Page - TT Electronics. OPIA4010 Datasheet HTML 3Page - TT Electronics. OPIA4010 Datasheet HTML 4Page - TT Electronics. OPIA4010 Datasheet HTML 5Page - TT Electronics. OPIA4010 Datasheet HTML 6Page - TT Electronics. OPIA4010 Datasheet HTML 7Page - TT Electronics. OPIA4010 Datasheet HTML 8Page - TT Electronics. OPIA4010 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
8/09
Page 2 of 17
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA814, OPIA815, OPIA817
OPIA1210, OPIA4010
DIP Package
Analog Output Devices Ordering Information
Part Number
Isolation Voltage
Max. (Vrms)
CTR
Min/Typ/Max
Typ. Tr / Tf (µs)
RL = 100 ohms
Package
Configuration
OPIA817D
5,000
50 / - / 600
4 / 3
4-Pin DIP
A K—C E
OPIA814D
5,000
60 / - / 600
5 / 4
4-Pin DIP
A K, K A—C E
OPIA815D
5,000
70 / - / -
80 / 72
4-Pin DIP
A K—C E (Dar)
OPIA4010D
5,000
600 / - / 9,000
60 / 50
4-Pin DIP
A K—C E (Dar)
OPIA1210D
5,000
50 / - / 600
2 / 3
4-Pin DIP
A K—C E
Configuration: Definition of Terms
LED Identification—Sensor Identification
Configuration
Information
LED
A = Anode
K = Cathode
Sensor
B = Base
C = Collector
E = Emitter
(Dar) = Photodarlington
Packaging
Part Number Suffix:
TU = Shipped in Tubes
Example:
OPIA817DTUE
Part Number
Pin #
1
2
3
4
OPIA817
A
K
E
C
OPIA814
A-K
K-A
E
C
OPIA815
A
K
E
C
OPIA4010
A
K
E
C
OPIA1210
A
K
E
C
Package Outline Dimensions and Schematics: Top-View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com