Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV05C Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV05C
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV05C Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV05C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV05C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV05C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV05C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
BV05C
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BV05C
Version: A1
2016-06-23
Transient Voltage Suppressor
IEC 61000-4-2(ESD)±25KV(air), ±25KV(contact)
150Watts peak pulse power (tp=8
/20μs)
Ultra low capacitance: 1.5pF maximum
Low clamping voltage
Moisture sensitivity level:Level 1
Weight 5.0mg
Small package: SOD323
xDSL
Part
Number
IDRM@VDRM
VBR @I
R
Vc@Ipp
Vc@Ipp
CO
μA
V
V
mA
V
A
V
A
pF
MAX
MIN
MAX
MAX
MAX
BV05C
5
5
6
1
9.8
1
18.3
8
1.5
Absolute maximum ratings measured at T= 25ºC RH = 45%-75% (unless otherwise noted).
VBR is measured at IR=1mA
Surge Waveform: 8/20
us.
Off-state capacitance is measured in VDC=0V,VRMS=1V,f=1MHz.
Part Number and Electrical Parameter
BV
05
C
(1)
(2)
(3)
Part Numbering System
Mark
B42LC
AC: Part Number
Application information
Features
Exterior
0909
Agency Approvals
Icon
Description
Compliance with 2011/65/EU
Compliance with IEC61249-2-21:2003
Mean lead free
B006U2
G
1
2
(1) Bencent Transient Voltage Suppressor
(2) Series: 05 etc.
(3)Bidirectional TVS
SOD323
AC


Similar Part No. - BV05C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV05C BENCENT-BV05C Datasheet
306Kb / 4P
Ultra low capacitance - 1.5pF maximum
logo
TECH PUBLIC Electronics...
BV05CP-G TECHPUBLIC-BV05CP-G Datasheet
6Mb / 5P
1-Line Bi-directional TVS Diode
BV05CWT TECHPUBLIC-BV05CWT Datasheet
2Mb / 4P
1-Line Bi-directional ESD DIODE
More results

Similar Description - BV05C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com