Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSL757GT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NFSL757GT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL757GT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NFSL757GT Datasheet HTML 3Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 4Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 5Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 6Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 7Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 8Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 9Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 10Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NICHIA STS-DA1-4424 <Cat.No.160902>
6
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec
• Recommended Hand Soldering Condition
Temperature
350°C Max
Soldering Time
3sec Max
● Recommended Soldering Pad Pattern
● Recommended Metal Solder Stencil Aperture
(単位 Unit: mm)
0.6
1.45
0.95
0.6
0.85
2.3
0.85
0.4
0.6
1.53
0.69
0.6
0.58
* This LED is designed to be reflow soldered on to a PCB. If dip soldered, Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice. Hand soldering must not be performed more than once.
* Avoid rapid cooling. Ramp down the temperature gradually from the peak temperature.
* Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation,
caused by heat and/or atmosphere.
* Since the silicone used in the encapsulating resin is soft, do not press on the encapsulant resin.
Pressure can cause nicks, chip-outs, encapsulant delamination and deformation, and wire breaks, decreasing reliability.
* Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
* When soldering, do not apply stress to the LED while the LED is hot.
* When using a pick and place machine, choose an appropriate nozzle for this product. Using a pick-and-place nozzle
with a smaller diameter than the size of the LED's emitting surface will cause damage to the emitting surface
and may also cause the LED not to illuminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com