Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW119CT Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NVSW119CT
Description  WHITE LED
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119CT Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NVSW119CT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119CT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119CT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119CT Datasheet HTML 9Page - NICHIA CORPORATION NVSW119CT Datasheet HTML 10Page - NICHIA CORPORATION NVSW119CT Datasheet HTML 11Page - NICHIA CORPORATION NVSW119CT Datasheet HTML 12Page - NICHIA CORPORATION NVSW119CT Datasheet HTML 13Page - NICHIA CORPORATION NVSW119CT Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
NICHIA STS-DA1-3562G <Cat.No.180925>
9
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec
• Recommended Hand Soldering Condition
Temperature
350°C Max
Soldering Time
3sec Max
● Recommended Soldering Pad Pattern
(単位 Unit: mm)
4.1
0.6
* This LED is designed to be reflow soldered to a PCB. If dip soldered, Nichia will not guarantee its reliability.
* Reflow soldering must not be performed more than twice. Hand soldering must not be performed more than once.
* When cooling the LEDs from the peak temperature a gradual cooling slope is recommended; do not cool the LEDs rapidly.
* During reflow soldering, the heat and atmosphere in the reflow oven may cause the optical characteristics to degrade. In particular,
reflow soldering performed with an air atmosphere may have a greater negative effect on the optical characteristics than if a
nitrogen atmosphere is used; Nichia recommends using a nitrogen reflow atmosphere.
* This LED uses a silicone resin for the lens and internal pre-coating resin; the silicone resin is soft. If pressure is applied to the lens,
it may cause the lens to be damaged, chipped, and/or delaminated. If the resin is damaged, chipped, delaminated and/or
deformed, it may cause the internal connection to fail causing a catastrophic failure (i.e. the LED not to illuminate) and/or
reliability issues (e.g. the LED to corrode and/or to become dimmer, the color/directivity to change, etc.). Ensure that pressure
is not applied to the lens.
If an automatic pick and place machine is used for the LEDs, use a pick up nozzle that does not affect the lens.
Recommended conditions:
Using a nozzle specifically designed for the LEDs is recommended (See the nozzle drawing below).
* Ensure that the nozzle does not come in contact with the lens when it picks up an LED.
If this occurs, it may cause internal disconnection causing the LED not to illuminate.
(単位 Unit: mm)
A部大
Expansion of A
0.15
4.5
A
Φ3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com