Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW219CT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVSW219CT
Description  WHITE LED
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW219CT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVSW219CT Datasheet HTML 1Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 2Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 3Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 4Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 5Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 6Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 7Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 8Page - NICHIA CORPORATION NVSW219CT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NICHIA STS-DA1-3555F <Cat.No.180925>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
M1
IF=700mA
3.1
3.3
V
L2
2.9
3.1
L1
2.7
2.9
Luminous Flux
D340
IF=700mA
340
360
lm
D320
320
340
D300
300
320
D280
280
300
D260
260
280
D240
240
260
D220
220
240
Color Rendering Index
Rnn
Ra
IF=700mA
-
-
-
R70
Ra
70
-
R8000
Ra
80
-
R9
0
-
R9050
Ra
90
-
R9
50
-
Color Ranks
The color ranks have chromaticity ranges within 3-step MacAdam ellipse.
Rank
sm503
Rank
sm573
Rank
sm653
Center Point
x
0.3447
0.3287
0.3123
y
0.3553
0.3417
0.3282
Minor Axis
a
0.003555
0.003087
0.002709
Major Axis
b
0.008418
0.007809
0.006561
Ellipse Rotation Angle
Φ
-31.78
-31.56
-32.35
The color ranks have chromaticity ranges within 5-step MacAdam ellipse.
Rank
sm5050a
Rank
sm5050b
Rank
sm5050c
Rank
sm5050d
Rank
sm5050e
Rank
sm5050f
Center Point
x
0.3447
y
0.3553
Minor Axis
a
0.005925
Major Axis
b
0.014030
Ellipse Rotation Angle
Φ
-31.78
Rank
sm5750a
Rank
sm5750b
Rank
sm5750c
Rank
sm5750d
Rank
sm5750e
Rank
sm5750f
Center Point
x
0.3287
y
0.3417
Minor Axis
a
0.005145
Major Axis
b
0.013015
Ellipse Rotation Angle
Φ
-31.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com