Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUJ736125X Datasheet(PDF) 12 Page - Integrated Device Technology

Part # XUJ736125X
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUJ736125X Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button XUJ736125X Datasheet HTML 8Page - Integrated Device Technology XUJ736125X Datasheet HTML 9Page - Integrated Device Technology XUJ736125X Datasheet HTML 10Page - Integrated Device Technology XUJ736125X Datasheet HTML 11Page - Integrated Device Technology XUJ736125X Datasheet HTML 12Page - Integrated Device Technology XUJ736125X Datasheet HTML 13Page - Integrated Device Technology XUJ736125X Datasheet HTML 14Page - Integrated Device Technology XUJ736125X Datasheet HTML 15Page - Integrated Device Technology XUJ736125X Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
©2018 Integrated Device Technology, Inc.
June 25, 2018
XU Datasheet
Orde ring I nform a t ion
XU
Family
 and ASIC
L
Output
 Type
5
Package
3
Voltage
5
Precision
125.000000
Frequency
I
Temperature
 Range
I: Industrial range –40 to +85 °C
K: Extended industrial range –40 to +105 °C
X: Extended commercial range –20 to +70 °C
125.000000
  Listed in MHz to 6 digits
000.016000
 MHz to 999.999999 MHz
A00.000000
  to A99.999999 1000 MHz to 1099.999 MHz
B00.000000
  to B99.999999 1100 MHz to 1199.999 MHz
C00.000000
  to C99.999999 1200 MHz to 1299.999 MHz
D00.000000
  to D99.999999 1300 MHz to 1399.999 MHz
E00.000000
  to E99.999999 1400 MHz to 1499.999 MHz
F00.000000
  1500 MHz
0:
 ±100 ppm **
5: ±50 ppm **
6:
 ±25 ppm
8: ±20 ppm *
1: 1.8 VDC ±5%
2:
 2.5 VDC ±5%
3: 3.3 VDC ±5%
5: 5.0 x 3.2 mm
7:
 7.0 x 5.0 mm
H: HCMOS Enable/Disable Pin 1
J: HCMOS Enable/Disable Pin 2
L:
 LVDS Enable/Disable Pin 1
M:
 LVDS Enable/Disable Pin 2
P:
 LVPECL Enable/Disable Pin 1
Q:
 LVPECL Enable/Disable Pin 2
N:
 HCSL Enable/Disable Pin 1
O:
 HCSL Enable/Disable Pin 2
X:
 XHCMOS Comp HCMOS Enable/Disable Pin 1
Y:
 XHCMOS Comp HCMOS Enable/Disable Pin 2
XU:
 400 fs jitter
*
 ±20ppm for X (‐20°C to +70°C) only.
**
 ±100ppm and ±50ppm for K (‐40°C to +105°C) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com