Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6611 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX6611
Description  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611 Datasheet(HTML) 4 Page - IXYS Corporation

  IX6611 Datasheet HTML 1Page - IXYS Corporation IX6611 Datasheet HTML 2Page - IXYS Corporation IX6611 Datasheet HTML 3Page - IXYS Corporation IX6611 Datasheet HTML 4Page - IXYS Corporation IX6611 Datasheet HTML 5Page - IXYS Corporation IX6611 Datasheet HTML 6Page - IXYS Corporation IX6611 Datasheet HTML 7Page - IXYS Corporation IX6611 Datasheet HTML 8Page - IXYS Corporation IX6611 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
PRELIMINARY
R00A
IX6611
1.3 Absolute Maximum Ratings @ 25°C
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1.4 ESD Warning
ESD (electrostatic discharge) sensitive device. Electrostatic charges can readily accumulate on test equipment and
the human body in excess of 4000 Volts. This energy can discharge without detection. Although the IX6611 features
proprietary ESD protection circuitry, permanent damage might be sustained if subjected to high energy electrostatic
discharges. Proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Parameter
Symbol
Limit
Units
Supply voltage range
(VCC-VEE), (PVCC-PVEE)
-0.3 to 40
V
Positive supply voltage VCC , PVCC
(VCC-VCOM), (PVCC-VCOM)
-0.3 to 32
V
Negative supply voltage VEE , PVEE
(VEE-VCOM), (PVEE-VCOM)
- 10 to 0
V
Driver output voltages
OUTP, OUTN
(PVEE-0.3) to (PVCC+0.3)
V
Regulator output terminal voltage
VDD-VEE
-0.3 to 7
V
Analog input terminal voltages
ICM
(VCOM-0.3) to (VCC+0.3)
V
Analog input terminal voltages
ACL
(VEE-0.3) to VCC+0.3)
V
Fault output terminal voltages
FLT1, FLT2, CBLANK
(VEE-0.3) to VCC+0.3)
V
Input terminal voltages
RCVP, RCVN
(VEE-0.3) to (VEE+7)
V
Operating junction temperature range
tJ
-55 to +150
°C
Storage temperature
TSTG
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com