Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610TR Datasheet(PDF) 17 Page - IXYS Corporation

Part # IX6610TR
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610TR Datasheet(HTML) 17 Page - IXYS Corporation

Back Button IX6610TR Datasheet HTML 13Page - IXYS Corporation IX6610TR Datasheet HTML 14Page - IXYS Corporation IX6610TR Datasheet HTML 15Page - IXYS Corporation IX6610TR Datasheet HTML 16Page - IXYS Corporation IX6610TR Datasheet HTML 17Page - IXYS Corporation IX6610TR Datasheet HTML 18Page - IXYS Corporation IX6610TR Datasheet HTML 19Page - IXYS Corporation IX6610TR Datasheet HTML 20Page - IXYS Corporation IX6610TR Datasheet HTML 21Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
IX6610
R00A
PRELIMINARY
17
Figure 12
IX6610 Application Diagram
2
Theory of Operation
The IX6610 is a PWM logic signal interface IC used on the primary side of a transformer coupled IGBT gate driver.
2.1
Detailed Circuit Description
2.1.1
Digital Input Interface
The external MCU provides TTL level compatible input
signals INA and INB. These input signals are fed
through the Schmitt trigger buffers to control the
secondary side IGBT drivers. An input signal interlock
function is implemented to prevent the simultaneous
conduction of the secondary side High side and Low
side IGBT’s. Figure 4 shows the behavior of the
interlock function.
PGND1
PGND1
PGND1
V
DD
V
DD
PGND2
PGND2
PGND2
PGND2
V
DD
V
DD
Softstart Control
Output Power Select
Watchdog
Timer
Reset
Generator
POR
THSD
Oscillator
Clock
Select
Power Supply
Fault Logic
Output Fault
Logic
Internal
V
REF
OVLO
UVLO
Start-Up
Regulator
3.3V
LDO
Precision
Current
Generator
Soft-Start
Control
Dead Time
Generator
Channel A
Leading Edge Pulse
Channel A
Trailing Edge Pulse
Channel B
Leading Edge Pulse
Channel B
Trailing Edge Pulse
PGND2
PGND1
TRDCN
RCVAP
RCVAN
RCVBP
RCVBN
VIN
VAUX
TEST
V
DD
CB
TRBP
TRBN
CA
TRDCP
GND
MODE
FLT RST
RESET
CLK
FAULT1
FAULT2
RBIAS
INB
INA
TRAP
TRAN
PGND2
RST
EN2
vbg
vbg
+
-
V
IN
VP
VN
COM
VP
VN
COM
CHAN-A
CHAN-B
22
µF
22
µF
22
µF
22
µF
VP=15V
VP=15V
VN=-5V
VN=-5V
2
1
3
4
5
6
7
8
9
10
11
12
13
14
17
16
15
18
19
20
21
22
23
24
25
26
27
28
PGND1
0V
50
50
50
0V
50
50
50
V
DD
50
50
50
V
EE
V
DD
50
50
50
V
EE
CHAN-A
CHAN-B
From MCU
From MCU
From MCU
From MCU
To MCU
To MCU
From MCU
From MCU
7.77k
0.2nF
0.2nF
0.2nF
22
µF
to MCU power
22
µF
15V
DC in
CHAN-A
CHAN-B
22
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com