Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6611T Datasheet(PDF) 13 Page - IXYS Corporation

Part # IX6611T
Description  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611T Datasheet(HTML) 13 Page - IXYS Corporation

Back Button IX6611T Datasheet HTML 7Page - IXYS Corporation IX6611T Datasheet HTML 8Page - IXYS Corporation IX6611T Datasheet HTML 9Page - IXYS Corporation IX6611T Datasheet HTML 10Page - IXYS Corporation IX6611T Datasheet HTML 11Page - IXYS Corporation IX6611T Datasheet HTML 12Page - IXYS Corporation IX6611T Datasheet HTML 13Page - IXYS Corporation IX6611T Datasheet HTML 14Page - IXYS Corporation IX6611T Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IX6611
R00A
PRELIMINARY
13
over current occurs the Output Faults Pulse Generator
creates a narrow 200ns pulse that will be used by the
Fault Control Logic to communicate the fault condition
to the primary side across the barrier.
3.1.10
5V Regulator
The 5V regulator provides power to the internal low
voltage circuits that are referenced to VEE. Regulator
is powered from VCC and VEE and its output voltage is
referenced to VEE. An external bypass capacitor is
required to provide the transient currents.
3.1.11
Under Voltage and Over Voltage Lockout
IX6611 contains an Under Voltage Lockout
Comparator (UVLO COMP) and an Over Voltage
Lockout Comparator (OVLO COMP). These
comparators monitor the positive power supply
terminal “VCC” with respect to “COM” terminal. At the
beginning of each PWM cycle, if the difference in
power supply voltage (VCC-VCOM) is below the UVLO
threshold or above the OVLO threshold the gate driver
output is disabled (driven low) for that PWM cycle.
Once the PWM cycle starts with no power supply
faults then the gate driver is enabled and the UVLO
and OVLO faults are ignored for the reminder of the
cycle. Power supply fault are not latched. Normal
operation resumes automatically on the next PWM
input cycle after the power supply recovers from the
fault condition.
The UVLO circuit is operational at VCC no greater than
3V and it keeps the gate driver output low until VCC is
raises above the UVLO threshold.
3.1.12
Fault Control Logic
Fault information is communicated to the primary side
through the pulse transformer interface. Fault Control
Logic provides the gate drive to the high current
switches connected to the primary terminals of the
pulse transformer. Narrow pulses are used to drive the
high current switches. Based on the fault type, the fault
control logic selects the narrow pulses either from the
input interface or from the output fault pulse generator
and drives the appropriate high current switch.
UVLO fault condition is communicated to the primary
side by driving the FLT1 high current switch on the
leading edge of the PWM gate drive ON cycle.
OVLO fault condition is communicated to the primary
side by driving the FLT1 high current switch on the
leading edge and the FLT2 high current switch on the
trailing edge of the PWM gate drive ON cycle. The
primary side recognizes the OVLO fault condition if
and only if both FLT1 and FLT2 flags are set.
IGBT Over Current condition is communicated to the
primary side by driving the FLT2 high current switch
with a pulse from the output fault pulse generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com