Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6611TR Datasheet(PDF) 15 Page - IXYS Corporation

Part # IX6611TR
Description  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611TR Datasheet(HTML) 15 Page - IXYS Corporation

Back Button IX6611TR Datasheet HTML 7Page - IXYS Corporation IX6611TR Datasheet HTML 8Page - IXYS Corporation IX6611TR Datasheet HTML 9Page - IXYS Corporation IX6611TR Datasheet HTML 10Page - IXYS Corporation IX6611TR Datasheet HTML 11Page - IXYS Corporation IX6611TR Datasheet HTML 12Page - IXYS Corporation IX6611TR Datasheet HTML 13Page - IXYS Corporation IX6611TR Datasheet HTML 14Page - IXYS Corporation IX6611TR Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
IX6611
R00A
PRELIMINARY
15
4.5 Package Mechanical Dimensions
4.5.1
IX6611T 16-Pin SOIC
4.5.2
IX6611TTR Tape & Reel
6.00 BSC
(0.236 BSC)
3.90 BSC
(0.154 BSC)
PIN
16
Pin 1
9.90 BSC
(0.39 BSC)
1.70 MAX
(0.067 MAX)
1.25 MIN
(0.049 MIN)
0.31 - 0.51
(0.012 - 0.020)
DIMENSIONS
mm
(inches)
8º MAX
1.27 BSC
(0.05 BSC)
0 - 0.15
(0 - 0.006)
3.86 - 4.57
(0.152 - 0.180)
1.68 - 2.41
(0.066 - 0.095)
0.40 - 1.27
(0.016 - 0.050)
0.10 - 0.25
(0.004 - 0.010)
0.10
(0.004)
0.25 - 0.50 x 45º
(0.010 - 0.020 x 45º)
NOTES:
1. JEDEC Outline MS-12 BC REV.F (Thermal)
2. Dimension does not include mold flash, protrusions,
or gate burrs. Mold flash, protrusions, and gate burrs
shall not exceed 0.15mm per side.
3. Dimension does not include inter-lead flash or
protrusions. Inter-lead flash and protrusions shall not
exceed 0.25mm per side.
5.30
(0.209)
0.60
(0.024)
1.50
(0.059)
1.27
(0.05)
4.55
(0.179)
2.40
(0.094)
Recommended PCB Land Pattern
(See Note 2)
(See Note 3)
TBD
For additional information please visit our website at: www.ixys.com
IXYS
Corporation makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to
specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS
Corporation Standard
Terms and Conditions of Sale, IXYS
Corporation assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied
warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS
Corporation's product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS
Corporation reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-IX6611-R00A
©Copyright 2016, IXYS
All rights reserved. Printed in USA.
6/9/2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com