Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD611 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXD611
Description  600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611 Datasheet(HTML) 2 Page - IXYS Corporation

  IXD611 Datasheet HTML 1Page - IXYS Corporation IXD611 Datasheet HTML 2Page - IXYS Corporation IXD611 Datasheet HTML 3Page - IXYS Corporation IXD611 Datasheet HTML 4Page - IXYS Corporation IXD611 Datasheet HTML 5Page - IXYS Corporation IXD611 Datasheet HTML 6Page - IXYS Corporation IXD611 Datasheet HTML 7Page - IXYS Corporation IXD611 Datasheet HTML 8Page - IXYS Corporation IXD611 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
IXD611
IXYS reserves the right to change limits, test conditions, and dimensions.
Figure 2. IXD611 Functional Block Diagram
Pin Description And Configuration
SYMBOL
FUNCTION
DESCRIPTION
VCL
Supply Voltage
Low side power supply.
HIN
HS Input
High side Input signal, TTL or CMOS compatible; HGO in phase
LIN
LS Input
Low side Input signal, TTL or CMOS compatible; LGO in phase
DG
Ground
Logic reference ground (Not available for IXD611P1, IXD611S1)
VCH
Supply Voltage
High side floating power supply, referenced to HS
HGO
Output
High side driver output
HS
Return
High side floating ground
LGO
Output
Low side driver output
LS
Ground
Low side ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com