Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD408 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDD408
Description  8 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD408 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDD408 Datasheet HTML 1Page - IXYS Corporation IXDD408 Datasheet HTML 2Page - IXYS Corporation IXDD408 Datasheet HTML 3Page - IXYS Corporation IXDD408 Datasheet HTML 4Page - IXYS Corporation IXDD408 Datasheet HTML 5Page - IXYS Corporation IXDD408 Datasheet HTML 6Page - IXYS Corporation IXDD408 Datasheet HTML 7Page - IXYS Corporation IXDD408 Datasheet HTML 8Page - IXYS Corporation IXDD408 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IXDD408PI/408SI/408YI/408CI
Supply Current vs. Frequency
Vcc=12V
Frequency(kHz)
1
10
100
1000
0.1
1
10
100
1000pF
CL=5000pF
2500pF
Supply Current vs. Frequency
Vcc=8V
Frequency(kHz)
1
10
100
1000
0.1
1
10
100
1000pF
CL=5000pF
2500pF
Supply Current vs. Frequency
Vcc=18V
Frequency(kHz)
1
10
100
1000
0.1
1
10
100
1000pF
CL=5000pF
2500pF
Supply Current vs. LoadCapacitance
Vcc=8V
LoadCapacitance(pF)
0.1k
1.0k
10.0k
0.1
1
10
100
10kHz
50kHz
100kHz
500KHz
1MHz
2MHz
Supply Current vs. LoadCapacitance
Vcc=12V
LoadCapacitance(pF)
0.1k
1.0k
10.0k
0.1
1
10
100
10kHz
50kHz
100kHz
500KHz
1MHz
Supply Current vs. LoadCapacitance
Vcc=18V
LoadCapacitance(pF)
0.1k
1.0k
10.0k
0.1
1
10
100
10kHz
50kHz
100kHz
500KHz
1MHz
Fig. 9
Fig. 10
Fig. 11
Fig. 12
Fig. 13
Fig. 14



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com