Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD611P7 Datasheet(PDF) 12 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation IXD611P7 Datasheet HTML 10Page - IXYS Corporation IXD611P7 Datasheet HTML 11Page - IXYS Corporation IXD611P7 Datasheet HTML 12Page - IXYS Corporation IXD611P7 Datasheet HTML 13Page - IXYS Corporation IXD611P7 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
IXD611
IXYS reserves the right to change limits, test conditions, and dimensions.
Supply Current vs. Supply Voltage
CLOAD = 100pF VIN = VSUPPLY 50% Duty Cycle
0.1
1
10
100
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
High side 10KHz
Low side 10KHz
Low side 100KHz
High side 100KHz
1MHz
2MHz
Supply Current vs. Supply Voltage
CLOAD = 1000pF VIN = VSUPPLY 50% Duty Cycle
0.1
1
10
100
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Low Side10KHz
100KHz
1MHz
2MHz
High Side10KHz
Output Resistance vs. Supply Voltage
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
High State / Low Side
Low State / Low Side
High State / High Side
Low State / High Side
High To Low Side Leakage Current vs.High Side V
OFFSET
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0
100
200
300
400
500
600
700
High Side Offset Voltage (V)
Pulse Width Stability vs. Temperature
VCL = VCH = 15V Input PW = 300ns
280
285
290
295
300
305
-50
0
50
100
150
Temperature (C)
Low Side
High Side
High to Low Side Leakage Current vs. Temperature
VOFFSET = 600V VCL = VCH = 15V
114
116
118
120
122
124
126
128
130
132
-50
0
50
100
150
Temperature (C)
Fig. 29
Fig. 30
Fig. 31
Fig. 32
Fig. 33
Fig. 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com