Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN502 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDN502
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN502 Datasheet(HTML) 2 Page - IXYS Corporation

  IXDN502 Datasheet HTML 1Page - IXYS Corporation IXDN502 Datasheet HTML 2Page - IXYS Corporation IXDN502 Datasheet HTML 3Page - IXYS Corporation IXDN502 Datasheet HTML 4Page - IXYS Corporation IXDN502 Datasheet HTML 5Page - IXYS Corporation IXDN502 Datasheet HTML 6Page - IXYS Corporation IXDN502 Datasheet HTML 7Page - IXYS Corporation IXDN502 Datasheet HTML 8Page - IXYS Corporation IXDN502 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDF502 / IXDI502 / IXDN502
Figure 3 - IXDN502 Dual 2A Non-Inverting Gate Driver Functional Block Diagram
Figure 2 - IXDI502 Dual Inverting 2A Gate Driver Functional Block Diagram
N
P
N
P
OUT A
Vcc
OUT B
IN A
IN B
GND
ANTI-CROSS
CONDUCTION
CIRCUIT *
ANTI-CROSS
CONDUCTION
CIRCUIT *
Figure 1 - IXDF502 Inverting + Non-Inverting 2A Gate Driver Functional Block Diagram
N
P
N
P
OUT A
Vcc
OUT B
IN A
IN B
GND
ANTI-CROSS
CONDUCTION
CIRCUIT *
ANTI-CROSS
CONDUCTION
CIRCUIT *
*
*
*
*
* United States Patent 6,917,227
N
P
N
P
OUT A
Vcc
OUT B
IN A
IN B
GND
ANTI-CROSS
CONDUCTION
CIRCUIT *
ANTI-CROSS
CONDUCTION
CIRCUIT *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com