Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDF504SIA Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDF504SIA
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDF504SIA Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDF504SIA Datasheet HTML 2Page - IXYS Corporation IXDF504SIA Datasheet HTML 3Page - IXYS Corporation IXDF504SIA Datasheet HTML 4Page - IXYS Corporation IXDF504SIA Datasheet HTML 5Page - IXYS Corporation IXDF504SIA Datasheet HTML 6Page - IXYS Corporation IXDF504SIA Datasheet HTML 7Page - IXYS Corporation IXDF504SIA Datasheet HTML 8Page - IXYS Corporation IXDF504SIA Datasheet HTML 9Page - IXYS Corporation IXDF504SIA Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDF504 / IXDI504 / IXDN504
Rise / Fall Time vs. Temperature
VSUPPLY = 15V CLOAD = 1000pF
0
1
2
3
4
5
6
7
8
9
10
-50
-30
-10
10
30
50
70
90
110
130
150
Temperature (C)
Typical Performance Characteristics
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Rise Times vs. Supply Voltage
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
Supply Voltage (V)
100pF
1000pF
10000pF
5400pF
Fall Times vs. Supply Voltage
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
Supply Voltage (V)
100pF
1000pF
10000pF
5400pF
Rise Time vs. Capacitive Load
0
10
20
30
40
50
60
70
100
1000
10000
Load Capacitance (pF)
5V
15V
30V
Fall Time vs. Capacitive Load
0
10
20
30
40
50
60
70
100
1000
10000
Load Capacitance (pF)
30V
15V
5V
Input Threshold Levels vs. Supply Voltage
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
35
Supply Voltage (V)
Positive going input
Negative going input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com